Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9979BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9979BCPZ
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 45Page - Analog Devices AD9979BCPZ Datasheet HTML 46Page - Analog Devices AD9979BCPZ Datasheet HTML 47Page - Analog Devices AD9979BCPZ Datasheet HTML 48Page - Analog Devices AD9979BCPZ Datasheet HTML 49Page - Analog Devices AD9979BCPZ Datasheet HTML 50Page - Analog Devices AD9979BCPZ Datasheet HTML 51Page - Analog Devices AD9979BCPZ Datasheet HTML 52Page - Analog Devices AD9979BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AD9979
Rev. C | Page 49 of 56
Address
Data
Bits
Default
Value
Update
Type
Name
Description
53
[1:0]
0
VD
GPO_OUTPUT_EN
Enable both GPOs.
0 = both disabled.
3 = both enabled.
[3:2]
0
SEL_GPO1
Select signal for GPO1 output.
0 = GPO.
1 = CLPOB.
2 = PBLK.
3 = DLL_SIGNAL_GPO.
[5:4]
0
SEL_GPO2
Select signal for GPO2 output.2
[7:6]
0
SEL_HS_GPO1
Select which high speed timing signal is used for GPO1 output.
0 = delayed CLI.
1 = delayed ADC output latch clock.
2 = delayed SHD sample clock.
3 = delayed SHP sample clock.
[9:8]
0
SEL_HS_GPO2
Select which high speed timing signal is used for GPO2 output.3
[10]
0
HBLK_EXT
Enable external HBLK signal to be an input to GPO2.
[27:11]
Unused
Set unused bits to 0 if accessed.
54
[3:0]
0
VD
GPT1_TOG1_FIELD
General-Purpose Signal 1, first toggle position, field location.
[12:4]
Unused
Set unused bits to 0 if accessed.
[25:13]
0
GPT1_TOG1_LINE
General-Purpose Signal 1, first toggle position, line location.
[27:26]
Unused
Set unused bits to 0 if accessed.
55
[12:0]
0
VD
GPT1_TOG1_PIXEL
General-Purpose Signal 1, first toggle position, pixel location.
[16:13]
0
GPT1_TOG2_FIELD
General-Purpose Signal 1, second toggle position, field location.
[27:19]
Unused
Set unused bits to 0 if accessed.
56
[12:0]
0
VD
GPT1_TOG2_LINE
General-Purpose Signal 1, second toggle position, line location.
[25:13]
0
GPT1_TOG2_PIXEL
General-Purpose Signal 1, second toggle position, pixel location.
[27:25]
Unused
Set unused bits to 0 if accessed.
57
[3:0]
0
VD
GPT2_TOG1_FIELD
General-Purpose Signal 2, first toggle position, field location.
[12:4]
Unused
Set unused bits to 0 if accessed.
[25:13]
0
GPT2_TOG1_LINE
General-Purpose Signal 2, first toggle position, line location.
[27:26]
Unused
Set unused bits to 0 if accessed.
58
[12:0]
0
VD
GPT2_TOG1_PIXEL
General-Purpose Signal 2, first toggle position, pixel location.
[16:13]
0
GPT2_TOG2_FIELD
General-Purpose Signal 2, second toggle position, field location.
[27:19]
Unused
Set unused bits to 0 if accessed.
59
[12:0]
0
VD
GPT2_TOG2_LINE
General-Purpose Signal 2, second toggle position, line location.
[25:13]
0
GPT2_TOG2_PIXEL
General-Purpose Signal 2, second toggle position, pixel location.
[27:25]
Unused
Set unused bits to 0 if accessed.
5A to 5F
[27:0]
Unused
Set unused registers to 0 if accessed.
1 See Address 52, Bits[1:0] for setting options.
2 See Address 53, Bits[3:2] for setting options.
3 See Address 53, Bits[7:6] for setting options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com