Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS436CKILF Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS9LPRS436CKILF
Description  Low Power Clock for Intel Atom짰-Based Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS436CKILF Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS9LPRS436CKILF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS436CKILF Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561A — 06/01/10
ICS9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
17
SMBus Table: SE Slew Rate Control Register
Byte 23
Name
Control Function
Type
0
1
PWD
Bit 7
RW
00 = Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 6
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Bit 5
RW
00 = Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 4
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Bit 3
RW
00 = Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 2
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Bit 1
RW
00 = Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 0
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Byte [24] is reserved
SMBus Table: SE OutputControl Register
Byte 25
Name
Control Function
Type
0
1
PWD
Bit 7
RW
00 = really Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 6
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Bit 5
PCICLK_F0
Free- Running Control
RW
Free-Running
Stoppable
0
Bit 4
PCICLK0
Free- Running Control
RW
Free-Running
Stoppable
1
Bit 3
RW
00 = really Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 2
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Bit 1
RW
00 = really Hi-Z
01 = 0.6x (1.2V/ns)
1
Bit 0
RW
10 = 0.8x (1.6V/ns)
11 = 1x (2.0V/ns)
0
Byte [26:30] are reserved
12_48M Slew
REF Slew
48M Slew
PCICLK_F0 Slew
PCICLK0 Slew
12.288M Slew
25M Slew
Slew Rate Control
Slew Rate Control
Slew Rate Control
Slew Rate Control
Slew Rate Control
Slew Rate Control
Slew Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com