Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82563EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 9Page - Intel Corporation 82563EB Datasheet HTML 10Page - Intel Corporation 82563EB Datasheet HTML 11Page - Intel Corporation 82563EB Datasheet HTML 12Page - Intel Corporation 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
7
3.4
Port A PHY Interface
Note:
Port A on the 82563EB/82564EB corresponds to connection to Port 0 on the 631xESB/632xESB.
Table 3.
Port A PHY Interface Pins
Signal Name
Pin
Type
Sub-
Type
Description
MDIA_PLUS[0]
MDIA_MINUS[0]
27
28
AA
Media Dependent Interface for Port A, bit 0
1000BASE-T:In MDI configuration, MDI[0]+/- corresponds to
BI_DA+/- and in MDIX configuration MDI[0]+/-
corresponds to BI_DB+/-.
100BASE-TX:In MDI configuration, MDI[0]+/- is used for the
transmit pair and in MDIX configuration MDI[0]+/- is
used for the receive pair.
10BASE-T:
In MDI configuration, MDI[0]+/- is used for the transmit
pair and in MDIX configuration MDI[0]+/- is used for
the receive pair.
MDIA_PLUS[1]
MDIA_MINUS[1]
31
32
AA
Media Dependent Interface for Port A, bit 1
1000BASE-T:In MDI configuration, MDI[1]+/- corresponds to
BI_DB+/- and in MDIX configuration MDI[1]+/-
corresponds to BI_DA+/-.
100BASE-TX:In MDI configuration, MDI[1]+/- is used for the receive
pair and in MDIX configuration MDI[1]+/- is used for
the transmit pair.
10BASE-T:
In MDI configuration, MDI[1]+/- is used for the receive
pair and in MDIX configuration MDI[1]+/- is used for
the transmit pair.
MDIA_PLUS[2]
MDIA_MINUS[2]
33
34
AA
Media Dependent Interface for Port A, bit 2
1000BASE-T:In MDI configuration, MDI[2]+/- corresponds to
BI_DC+/- and in MDIX configuration MDI[2]+/-
corresponds to BI_DD+/-.
100BASE-TX:Unused.
10BASE-T:
Unused.
MDIA_PLUS[3]
MDIA_MINUS[3]
36
37
AA
Media Dependent Interface for Port A, bit 3
1000BASE-T:In MDI configuration, MDI[3]+/- corresponds to
BI_DD+/- and in MDIX configuration MDI[3]+/-
corresponds to BI_DC+/-.
100BASE-TX:Unused.
10BASE-T:
Unused.
LINK_A
65
I/O
TTL8
PHY A Link Indication
This signal is registered at the rising edge of PHY_PWR_GOOD,
and is used to determine the clock speed used for PHY_CLK_OUT.
Once PHY_PWR_GOOD is 1, LINK_A will always be an output and
indicate link up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com