Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82576EB Datasheet(PDF) 29 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 25Page - Intel Corporation 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation 82576EB Datasheet HTML 30Page - Intel Corporation 82576EB Datasheet HTML 31Page - Intel Corporation 82576EB Datasheet HTML 32Page - Intel Corporation 82576EB Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Intel® 82576EB GbE Controller - Errata
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
29
30. PCIe Hot Reset Can Lead to a Firmware Hang
Problem:
A PCIe hot reset prevents the firmware from accessing internal registers. When the hot
reset occurs while the firmware is performing initializations, the firmware might fail to
clear a semaphore bit. As a result, the firmware goes into an infinite polling loop when
the next initialization sequence occurs.
Implication: PHY initialization from the EEPROM is performed by firmware, so if the firmware hangs,
the initialization is not performed and the Ethernet link might not operate correctly.
Additionally, the software driver might fail to load as a result of a hung semaphore bit.
When using manageability, the firmware hang causes a watchdog timer to expire and
then resets the firmware, requiring re-initialization of the manageability.
Workaround: Use new EEPROM images that include a firmware workaround for this issue: 1.9 or later.
Also, do not keep the device in hot reset for more than 20 ms. Hot reset should be
performed by setting and then immediately clearing the Secondary Bus Reset bit in the
upstream PCIe device.
Status:
A1, A2 NoFix
▼ Return to Summary
31. MACSec: Replay Protect Not Working In Check Mode
Problem:
When working in check mode, replay packets are not dropped and they are counted in
MACSec RX Octets Validated LSECRXOCTP (0x4320).
Implication: In check mode, replay protect is not working and LSECRXOCTP counts incorrectly.
Note: In strict mode, which is the normal operation mode, there is no problem.
Workaround: Drivers can provide a workaround by working in “no-header strip” mode and drop the
replay packet in the driver while correcting the LSECRXOCTP and the LSECRXLATE
statistics (maintained in the driver as 64-bit counters).
Status:
A1, A2 NoFix
▼ Return to Summary
32. MACSec: Packets With E=0, C=1 Should Not Be Handled as a Authenticated MACSec Packet
Problem:
MACSec Packets with E=0, C=1 is a reserved future mode, and should not be handled as
a Authenticated MACSec packet.
Implication: If MACSec Packets with E=0, C=1 are sent it will be handled as a Authenticated MACSec
packet. This a reserved mode and there is no implication as long as the specification does
not change in the future.
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary
33. MACSec: Packets With PN = 0 In The SECTAG Are Not Dropped
Problem:
According to the MACSec specification, frames with PN=0 in the sectag should be counted
as bad tags/packets. The 82576 will accept such packets. Setting the first expected PN to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com