| Electronic Components Datasheet Search |
|
82576EB Datasheet(PDF) 32 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82576EB Datasheet(HTML) 32 Page - Intel Corporation |
|
32 / 34 page ![]() Errata - Intel® 82576EB GbE Controller Intel® 82576EB GbE Controller Revision: 2.85 Specification Update September 2012 32 Status: A1, A2 NoFix ▼ Return to Summary 40. TSYNC: Auxiliary Timestamp from SDP is Unreliable Problem: SDP inputs to the timestamp logic are not properly synchronized. As a result, both the Auxiliary Timestamp Register values and the Auxiliary Timestamp Taken bits in TSAUXC are sometimes loaded incorrectly. Implication: The auxiliary timestamp feature should be considered unreliable. Workaround: For applications that use the auxiliary timestamp feature to synchronize to an external clock, it might be acceptable to drop some of the samples. For such applications, software can filter out many of the incorrect timestamp values by comparing them to an approximate expected timestamp and discarding unreasonable values. In addition, the following method can be used to filter out incorrect values: — Connect the input signal to two SDP inputs for the same port. — Using the TSSDP register, assign one of the SDP inputs to AUX0 and the other SDP input to AUX1. — When reading the TSAUXC register to check for new samples, check that both AUTT0 and AUTT1 are set. Otherwise, discard the sample. — Read both the AUX0 and AUX1 timestamp values and compare the values. Discard the values if they differ by more than the sampling uncertainty -- 8 ns if the SDP inputs are balanced externally or slightly higher if the external trace lengths differ significantly. Using this method, along with a SW filter for expected values, almost all errors can be filtered out with the remaining samples having a very high probability of being correct. Status: A1, A2 NoFix ▼ Return to Summary 41. NC-SI: Get Link Status Command Might Cause Corruption of PHY Registers Problem: The firmware code that executes the NC-SI Get Link Status command does not acquire the PHY semaphore bit when accessing PHY registers. Therefore, there could be corruption of the PHY registers if the driver accesses PHY registers in parallel with the firmware. Implication: Corruption of the PHY registers could result in a link failure and/or a driver failure if NC-SI Get Link Status command is used. Workaround: None. See status. Status: A1, EEPROM/NVM Fix Fixed in EEPROM version 2.1 or later. ▼ Return to Summary 42. NC-SI: Get NC-SI Pass-through Statistics Response Format Problem: The NC-SI Specification, version 1.0.0a defines the Pass-through Tx Packets counter contained in the Get NC-SI Pass-through Statistics Response Packet to be an 8-byte field. The 82576 provides this counter as a 4-byte field. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |