Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3263TMX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TMX/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263TMX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3263TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
2.6
2.8
3.0
3.2
3.4
3.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE ( V )
C005
I
OUT = 500mA
I
OUT = 1.5A
60
65
70
75
80
85
90
95
100
0
25
50
75
100
125
150
OUTPUT CURRENT ( mA )
VOUT = 0.8V
VOUT = 1.0V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.0V
VOUT = 0.4V
C006
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE ( V )
C003
V
OUT = 2.0V, IOUT = 500mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VSET VOLTAGE ( V )
C004
V
BATT = 4.2V
R
LOAD = 6.8
22
43
64
86
A7
C8
EA
VSET_CTRL (hex)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
300
325
350
375
400
425
450
INPUT VOLTAGE (V)
C001
V
OUT = 1.0V @ PFM mode
0
2
4
6
8
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE ( V )
C002
V
OUT = 2.0V @ PWM Mode
LM3263
www.ti.com
SNVS837 – JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS
(VBATT =3.8V, TA = 25°C, unless otherwise noted)
Input Current (PFM) vs Input Voltage
Input Current (PWM) vs Input Voltage
No Load
No Load
Figure 1.
Figure 2.
Average Switching Frequency vs. Input Voltage
Output Voltage vs. VSET_CTRL Setting
Figure 3.
Figure 4.
Output Voltage vs. Input Voltage
Efficiency vs. Load Current
VOUT = 3.4V
Auto-PFM Mode, IOUT = 10mA to 150mA
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com