Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3263TMX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TMX/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263TMX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3263TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
LM3263
SNVS837 – JUNE 2013
www.ti.com
PFM Operation
When Auto-PFM mode operation is selected (SMPS_CFG [5] set to 1b), the LM3263 automatically transitions
from PWM operation into PFM operation if the average inductor current is less than 60 mA (min.) and the
difference between VBATT – VSET ≥ 0.6V. The switcher regulates the fixed output voltage by transferring a fixed
amount of energy during each cycle and modulating the frequency to control the total power delivered to the
output. The converter switches only as needed to support the demand of the load current, therefore maximizing
efficiency. If the load current should increase during PFM mode to more than 120 mA (typ.), the part will
automatically transition into PWM mode. A 20 mA (typ.) hysteresis window exists between PFM and PWM
transitions. After a transient event, the part temporarily operates in PWM mode to quickly charge or discharge the
output. This is true for startup conditions or if the mode operation is changed from Forced-PWM to Auto-PFM
mode (SMPS_CFG [5] toggled from 0b to 1b). Once the output reaches its target output voltage, and the load is
less than 60 mA (min.), then the part will seamlessly transition into PFM mode (assuming It is not in forced
bypass condition).
Active Current Assist and Analog Bypass (ACB)
The 3GPP time mask requirement for 2G requires high current to be sourced by the LM3263. These high
currents are required for a small time during transients or under a heavy load. Over-rating the switching inductor
for these higher currents would increase the solution size and is not an optimum solution. Thus, to allow an
optimal inductor size for such a load, an alternate current path is provided from the input supply through the ACB
pin. Once the switcher current limit ILIM,PFET,SteadyState is reached, the ACB circuit starts providing the additional
current required to support the load. The ACB circuit also minimizes the dropout voltage by having the analog
bypass FET in parallel with VSET. The LM3263 can provide up to 2.5A (min.) of current in bypass mode.
Bypass Operation
The Bypass Circuit provides an analog bypass function with very low dropout resistance (Rtot_drop = 45 mΩ typ).
When SMPS_CFG [4] is set to 0b, the part will be in automatic Bypass mode which will automatically determine
the amount of bypass needed to maintain voltage regulation. When the input supply voltage to the LM3263 is
lowered to a level where the commanded duty cycle is higher than what the converter is capable of providing, the
part will go into pulse-skipping mode. The switching frequency will be reduced to maintain a low and well
behaved output voltage ripple. The analog bypass circuit will allow the converter to stay in regulation until full
bypass is reached (100% duty cycle operation). The converter comes out of full bypass and back into analog
bypass regulation mode with a similar reverse process.
To operate the device at the Forced-Bypass mode, set REGISTER_0 to 7Fh or VSET_CTRL to FEh-FFh.
Shutdown Mode
The Shutdown mode is entered whenever the voltage on the VIO pin is 0V. The communications and the
controls are not powered. In this mode, the current consumption is 0.02 µA (typ.).
Low-Power Mode
The Low-Power mode is the initial default state when VIO is applied. In this mode, the DC-DC is disabled and its
SW is tri-state. The current consumption is minimized 0.225 µA (typ.). This mode can be entered by
programming any one of three registers below:
•
Register 00h REGISTER_0 [6:0] to 00h;
•
Register 03h VSET_CTRL[7:0] to 00h or 01h;
•
Register 1Ch PM_TRIG [7:6] to 10b.
Standby Mode
In Standby mode, switching is stopped, and the output power FETs are placed in tri-state. The Standby mode
can be entered by setting PM_TRIG [7:6] and REGISTER_0 or VSET_CTRL registers.
•
Register 00h REGISTER_0 [6:0] to 02h;
•
Register 03h VSET_CTRL [7:0] to 04h or 05h;
•
Register 1Ch PM_TRIG [7:6] to 00b.
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com