Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10232 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 45Page - Texas Instruments TLK10232 Datasheet HTML 46Page - Texas Instruments TLK10232 Datasheet HTML 47Page - Texas Instruments TLK10232 Datasheet HTML 48Page - Texas Instruments TLK10232 Datasheet HTML 49Page - Texas Instruments TLK10232 Datasheet HTML 50Page - Texas Instruments TLK10232 Datasheet HTML 51Page - Texas Instruments TLK10232 Datasheet HTML 52Page - Texas Instruments TLK10232 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-16. LSRX Output AC Mode Output Swing Control (continued)
LS_SWING[2:0]
AC MODE
TYPICAL AMPLITUDE (mVdfpp)
011
710
100
850
101
950
110
1010
111
1050
Table 8-17. LSRX Output De-emphasis
LS_DE[3:0]
LS_DE[3:0]
Value
Amplitude reduction
Value
Amplitude reduction
(%)
dB
(%)
dB
0000
0
0
1000
38.08
–4.16
0001
4.76
–0.42
1001
42.85
–4.86
0010
9.52
–0.87
1010
47.61
–5.61
0011
14.28
–1.34
1011
52.38
–6.44
0100
19.04
–1.83
1100
57.14
–7.35
0101
23.8
–2.36
1101
61.9
–8.38
0110
28.56
–2.92
1110
66.66
–9.54
0111
33.32
–3.52
1111
71.42
–10.87
Table 8-18. LS_SERDES_CONTROL_3
Device Address: 0x1E SPACER Register Address:0x0008 SPACER Default:0x000D
Bit(s)
Name
Description
Access
15
LS_RX_INVPA LS Serdes lane outputs polarity on the receive channel. (x = Channel A or B, y = Lane 0 or 1 or 2
RW
IR
or 3)
(RXG)
0 = Normal polarity. OUTxyP considered positive data. OUTxyN considered negative data
(Default 1’b0)
1 = Inverted polarity. OUTxyP considered negative data. OUTxyN considered positive data
14
LS_TX_INVPA
LS Serdes lane inputs polarity on the transmit channel. (x = Channel A or B, y = Lane 0 or 1 or 2
RW
IR
or 3)
(RXG)
0 = Normal polarity. INxyP considered positive data and INxyN considered negative data (Default
1’b0)
1 = Inverted polarity. INxyP considered negative data and INxyP considered positive data
13:12
RESERVED
For TI use only (Default 2’b00)
RW
11:8
LS_EQ[3:0]
LS Serdes Equalization control (Default 4’b0000). Table 8-19
RW
(RXG)
7:0
RESERVED
For TI use only (Default 8'b00001101)
RW
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
49
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com