Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10232 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 13Page - Texas Instruments TLK10232 Datasheet HTML 14Page - Texas Instruments TLK10232 Datasheet HTML 15Page - Texas Instruments TLK10232 Datasheet HTML 16Page - Texas Instruments TLK10232 Datasheet HTML 17Page - Texas Instruments TLK10232 Datasheet HTML 18Page - Texas Instruments TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
The TLK10232 provides two pins: PRBSEN and PRBS_PASS, for additional control and monitoring of
PRBS pattern generation and verification. When PRBSEN is asserted high, the internal PRBS generator
and verifier circuits are enabled on both transmit and receive data paths on high speed and low speed
sides of all channels. PRBS 27-1 is selected by default, and can be changed through MDIO.
When PRBS test is enabled (PRBSEN=1):
•
PRBS_PASS = 1 indicates that PRBS pattern reception is error free.
•
PRBS_PASS = 0 indicates that a PRBS error is detected. The channel, the side (high speed or low
speed), and the lane (for low speed side) that this signal refers to is chosen through MDIO.
3.18 10GBASE-KR Latency
The latency through the TLK10232 in 10GBASE-KR mode is as shown in Figure 3-5. Note that the latency
ranges shown indicate static rather than dynamic latency variance, i.e., the range of possible latencies
when the serial link is initially established. During normal operation, the latency through the device is fixed.
Figure 3-5. 10GBASE-KR Mode Latency Per Block
Copyright © 2013, Texas Instruments Incorporated
1GBASE-KX MODE FUNCTIONAL DESCRIPTION
17
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com