Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10232 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 17Page - Texas Instruments TLK10232 Datasheet HTML 18Page - Texas Instruments TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments TLK10232 Datasheet HTML 22Page - Texas Instruments TLK10232 Datasheet HTML 23Page - Texas Instruments TLK10232 Datasheet HTML 24Page - Texas Instruments TLK10232 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
IN*3N
HSTX*P
HSTX*N
IN*3P
OUT*3N
HSRX*P
HSRX*N
OUT*3P
OUT*2N
OUT*2P
OUT*1N
OUT*1P
OUT*0N
OUT*0P
IN*2N
IN*2P
IN*1N
IN*1P
IN*0N
IN*0P
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
5
GENERAL PURPOSE (10G) SERDES MODE FUNCTIONAL DESCRIPTION
A block diagram showing the transmit and receive data paths of the TLK10232 operating in General
Purpose (10G) SerDes mode is shown in Figure 5-1.
Figure 5-1. Block Diagram Showing General Purpose SerDes Mode
5.1
General Purpose SERDES Transmit Data Path
The TLK10232 General Purpose SERDES low speed to high speed (transmit) data path with the device
configured to operate in the normal transceiver (mission) mode is shown in the upper half of Figure 5-1. In
this mode, 8B/10B encoded serial data (IN*P/N) in 2 or 4 lanes is received by the low speed side
SERDES and deserialized into 10-bit parallel data for each lane. The data in each individual lane is then
byte aligned (channel synchronized) and then 8B/10B decoded into 8-bit parallel data for each lane. The
lane data is then lane aligned by the Lane Alignment Slave. 32 bits of lane aligned parallel data is input to
a transmit FIFO which delivers it to an 8B/10B encoder, 16 data bits at a time. The resulting 20-bit 8B/10B
encoded parallel data is sent to the high speed side SERDES for serialization and output through the
HSTX*P/N pins.
5.2
General Purpose SERDES Receive Data Path
With the device configured to operate in the normal transceiver (mission) mode, the high speed to low
speed (receive) data path is shown in the lower half of Figure 5-1. 8B/10B encoded serial data
(HSRX*P/N) is received by the high speed side SERDES and deserialized into 20-bit parallel data. The
data is then byte aligned, 8B/10B decoded into 16-bit parallel data, and then delivered to a receive FIFO.
The receive FIFO in turn delivers 32-bit parallel data to the Lane Alignment Master which splits the data
into the same number of lanes as configured on the transmit data path. The lane data is then 8B/10B
encoded and the resulting 10-bit parallel data for each lane is input to the low speed side SERDES for
serialization and output through the OUT*P/N pins.
Copyright © 2013, Texas Instruments Incorporated
GENERAL PURPOSE (10G) SERDES MODE FUNCTIONAL
21
DESCRIPTION
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com