Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW5093CYLT Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 2Page - STMicroelectronics STW5093CYLT Datasheet HTML 3Page - STMicroelectronics STW5093CYLT Datasheet HTML 4Page - STMicroelectronics STW5093CYLT Datasheet HTML 5Page - STMicroelectronics STW5093CYLT Datasheet HTML 6Page - STMicroelectronics STW5093CYLT Datasheet HTML 7Page - STMicroelectronics STW5093CYLT Datasheet HTML 8Page - STMicroelectronics STW5093CYLT Datasheet HTML 9Page - STMicroelectronics STW5093CYLT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
STw5093
6/34
mit rising edges of MCLK in delayed or non-delayed normal mode or on the falling edges of MCLK in non-de-
layed reverse mode.A separate MBIAS output can be used to bias a microphone (bit MB = 1 in register CR10)
1.1.5 Receive section:
Voice Data is shifted into the decoder's Receive voice data Register via the DR pin during the selected time slot
on the falling edges of MCLK in delayed or non-delayed normal mode or on the rising edges of MCLK in non-
delayed reverse mode.
The decoder consists of either a 14-bit linear or an expanding DAC with A or MU255 law decoding characteristic.
Following the Decoder is a 3400 Hz 8th order band-pass switched capacitor filter with integral Sin X/X correction
for the 8 kHz sample and hold.
0 dBmO voltage at this (B) reference point (see Block Diagram description) is 0.49 Vrms. A transcient suppress-
ing circuitry ensure interference noise suppression at power up.
The analog speech signal output can be routedeither to earpiece (VFR output) or to an extra analog output (VLr+,
VLr- outputs) by setting bits OE1, OE2, and SE (4, 3, and 0 of CR4).
Total signal delay is approximatively 190
µs (filter plus decoding delay) plus 62.5µs (1/2 frame) which gives ap-
proximatively 252
µs.
Output VFR is intended to directly drive an earpiece. Preceding the outputs is a programmable attenuation am-
plifier, which must be set by writing to bits 4 to 7 in register CR6. Attenuations in the range 0 to -30 dB relative
to the maximum level in 2 dB step can be programmed. The input of this programmable amplifier is the sum of
several signals which can be selected by writing to register CR4.:
- Receive speech signal which has been decoded and filtered,
- Internally generated tone signal, (Tone amplitude is programmed with bits 4 to 7 of register CR7),
- Sidetone signal, the amplitude of which is programmed with bits 0 to 3 of register CR5
VFr is capable of driving output power levels up to 16.5mW into a 30
Ω load impedance capacitively connected
between VFr+ and GND. Piezoceramic receivers up to 50nF can also be driven.
Differential outputs VLr+,VLr- are intended to directly drive an extra output. Preceding the outputs is a program-
mable attenuation amplifier, which must be set by writing to bits 0 to 3 in register CR6. Attenuations in the range
0 to -30 dB relative to the maximum level in 2.0 dB step can be programmed. The input of this programmable
amplifier can be the sum of signals which can be selected by writing to register CR4:
- Receive speech signal which has been decoded and filtered,
- Internally generated tone signal, (Tone amplitude is programmed with bits 4 to 7 of register CR7),
- Sidetone signal, the amplitude of which is programmed with bits 0 to 3 of register CR5.
VLr+ and VLr- outputs are capable of driving output power level up to140mW into differentially connected load
impedance of 8
Ω. Piezoceramic receivers up to 50nF can also be driven.
BUZZER OUTPUT:
Single ended output BZ is intended to drive a buzzer, via an external BJT, with a squarewave pulse width mod-
ulated (PWM) signal the frequency of which is stored into register CR8.
For some applications it is also possible to amplitude modulate this PWM signal with a squarewave signal hav-
ing a frequency stored in register CR9.
Maximum load for BZ is 5k
Ω and 50pF.
1.1.6 Digital Interface (Fig. 1)
FS Frame Sync input determines the beginning of frame. It may have any duration from a single cycle of MCLK
to a squarewave. Three different relationships may be established between the Frame Sync input and the first
time slot of frame by setting bits DM1 and DM0 in register CR1. In non delayed data mode (long frame timing)
the first time slot begins nominally coincident with the rising edge of FS. Alternative is to use delayed data mode
(short frame sync timing) in which FS input must be high at least a half cycle of MCLK earlier the frame beginning
In the case of linear code (bit CM = 0 in register CR0) the MSB is the first bit that is transmitted and received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com