Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW5093CYLT Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 4Page - STMicroelectronics STW5093CYLT Datasheet HTML 5Page - STMicroelectronics STW5093CYLT Datasheet HTML 6Page - STMicroelectronics STW5093CYLT Datasheet HTML 7Page - STMicroelectronics STW5093CYLT Datasheet HTML 8Page - STMicroelectronics STW5093CYLT Datasheet HTML 9Page - STMicroelectronics STW5093CYLT Datasheet HTML 10Page - STMicroelectronics STW5093CYLT Datasheet HTML 11Page - STMicroelectronics STW5093CYLT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
STw5093
8/34
To read-back status information from STw5093, the first byte of the appropriate instruction is strobed in during
the first CS- pulse, as defined in Table 1. CS- must be set low for a further 8 CCLK cycles, during which data is
shifted out of the CO pin on the falling edges of CCLK.
When CS- is high, CO pin is in the high impedance Tri-state, enabling CO pins of several devices to be multi-
plexed together.
Thus, to summarise, 2 byte READ and WRITE instructions may use either two 8-bit wide CS- pulses or a single
16 bit wide CS- pulse.
1.1.8 Control channel access to PCM interface:
It is possible to access the B channel previously selected in Register CR1 in the case of companded code only.
A byte written into Control Register CR3 will be automatically transmitted from DX output in the following frame
in place of the transmit PCM data.
A byte written into Control Register CR2 will beautomatically sent through the receive path to the Receive am-
plifiers.
In order to implement a continuous data flow from the Control MICROWIRE interface to a B channel, it is nec-
essary to send the control byte on each PCM frame.
A current byte received on DR input can be read in the register CR2. In order to implement a continuous data
flow from a B channel to MICROWIRE interface, it is necessary to read register CR2 at each PCM frame.
1.1.9 AUXCLK usage:
The Auxiliary clock AUXCLK is only used to keep active the tone and buzzer generation functions to the Ear-
piece or to the Extra amplifier outputs when the Master Clock MCLK is not available, and there is no voice ac-
tivity both in transmit and receive channels. When AUXCLK is selected, the PCM digital interface is inactive (DX
in tristate and DR is not read). The selection between AUXCLK and MCLK is done by bit SLC in register CR1The
input frequency of AUXCLK is selected via bits F1 and F0 of register CR0 as for the MCLK signal.
1.1.10REMOCON function:
The REMOCON (Remote Control) function can be used to detect the status of an headset button.
The REMOCON function is enabled by setting bit REN (7 of CR10). If enabled, this function is active also when
the STw5093 is in Power-down state.
At REMIN input an high level is detected as a non pressed button, while a low level is detected as a pressed
button.
The "Pressed Button" information can be treated in 2 ways depending on bit RLM (6 of CR10):
if RLM = 0 (Transparent mode) the information at REMIN is seen at REMOUT after a debounce time
of 50ms maximum.
if RLM = 1 (Latched Mode) the information stored in bit RDL (4 of CR10) is seen at REMOUT.When a
low level at REMIN is detected RDL is set after a debounce time of 50ms maximum.RDL is reset at
power on reset and can also be reset writing CR10.
The REMOUT output polarity can be inverted setting bit ROI (5 of CR10):the pressed button information is pre-
sented at REMOUT output as a logic 1 if bit ROI = 0. If ROI = 1 the polarity is inverted.
2.0 PROGRAMMABLE FUNCTIONS
The programmable functions are configured by writing to a number of registers using a 2-byte write cycle. Most
of these registers can also be read-back for verification. Byte one is always register address, while byte two is
Data. Table 1 lists the register set and their respective adresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com