Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW5093CYLT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW5093CYLT
Description  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT Datasheet(HTML) 3 Page - STMicroelectronics

  STW5093CYLT Datasheet HTML 1Page - STMicroelectronics STW5093CYLT Datasheet HTML 2Page - STMicroelectronics STW5093CYLT Datasheet HTML 3Page - STMicroelectronics STW5093CYLT Datasheet HTML 4Page - STMicroelectronics STW5093CYLT Datasheet HTML 5Page - STMicroelectronics STW5093CYLT Datasheet HTML 6Page - STMicroelectronics STW5093CYLT Datasheet HTML 7Page - STMicroelectronics STW5093CYLT Datasheet HTML 8Page - STMicroelectronics STW5093CYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3/34
STW5093
PIN FUNCTION
N°
Pin
Description
1VCC
Power supply input for the digital section.
2
REMOUT Remocon function digital output.
3
REMIN
Remocon function input. An high level at this pin is detected as a non pressed key, while a low
level is detected as a pressed key.
4
MIC3+
Third positive high impedance input to transmit preamplifier for microphone connection.
5
MIC3-
Third negative high impedance input to transmit preamplifier for microphone connection.
6
MBIAS
Microphone Biasing Switch.
7VCCA
Power supply input for the analog section. VCC and VCCA can be directly connected together for
low cost applications (see STw5093 Power Supply Notes).
8
MIC1+
Positive high impedance input to transmit pre-amplifier for microphone connection.
9
MIC1-
Negative high impedance input to transmit pre-amplifier for microphone connection.
10
GNDA
Analog Ground: All analog signals are referenced to this pin. GND and GNDA can be connected
together for low cost applications (see STw5093 Power Supply Notes).
11
MIC2+
Second Positive high impedance input to transmit pre-amplifier for microphone connection.
12
MIC2-
Second negative high impedance input to transmit pre-amplifier for microphone connection.
13
VCCP
Power supply input for the VFr and VLr drivers. VCCP and VCCA must be connected together.
14,15
VLr-,
VLr+
Receive analog extra amplifier complementary outputs. These outputs can drive directly
earpiece transductor of 8
Ω or 50nF. The signal at these outputs can be the sum of:
- Receive Speech signal from DR,
- Internal Tone generator,
- Sidetone signal.
16
GNDP
Power ground. VFr and VLr drivers are referenced to this pin. GNDP and GNDA must be
connected together.
17
VFr
Receive analog earpiece amplifier output. This output can drive directly earpiece transductor of
30
Ω or 50nF. The signal at this output can be the sum of:
- Receive Speech signal from DR,
- Internal Tone Generator,
- Sidetone signal.
18
LO
A logic 1 written into DO (CR1) appears at LO pin as a logic 0
A logic 0 written into DO (CR1) appears at LO pin as a logic 1.
19
BZ
Pulse width modulated buzzer driver output.
20
CCLK
Control Clock input: This clock shifts serial control information into CI and out from CO when the
CS- input is low, depending on the current instruction. CCLK may be asynchronous with the
other system clocks.
21
CS-
Chip Select input: When this pin is low, control information is written into and out from the
STw5093 via CI and CO pins.
22
CI
Control data Input: Serial Control information is shifted into the STw5093 on this pin when CS- is
low on the rising edges of CCLK.
23
AUXCLK Auxiliary Clock Input. Values must be 512 kHz, 1.536 MHz, 2.048 MHz or 2.56 MHz selected by
means of Control Register CR0. AUXCLK is not used to shift in and out data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com