Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8543 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 3Page - Texas Instruments LP8543 Datasheet HTML 4Page - Texas Instruments LP8543 Datasheet HTML 5Page - Texas Instruments LP8543 Datasheet HTML 6Page - Texas Instruments LP8543 Datasheet HTML 7Page - Texas Instruments LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments LP8543 Datasheet HTML 10Page - Texas Instruments LP8543 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
LED Driver Electrical Characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
PWM_FREQ[2:0] = 000b
-4%
4%
Min LED Switching Frequency
PSPWM_FREQ[1:0] = 00b,
229
-7%
7%
PWM_MODE = 0
fLED
Hz
PWM_FREQ[2:0] = 111b,
-4%
4%
Max LED Switching Frequency
PSPWM_FREQ[1:0] = 11b,
19531
-7%
7%
PWM_MODE = 0
270
Output current set to 20 mA
200
330
VSAT
Saturation voltage (2)
mV
400
Output current set to 60 mA
300
540
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 2V.
Ambient Light Sensor Interface Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ALS Frequency Range
0.2
2000
kHz
fALS
ALS Duty Cycle
40
60
%
tCONV
Conversion Time
500
ms
PWM Interface Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
fPWM
PWM Frequency Range
0.1
25
kHz
PWM input low time for turn off, stand-alone
50
tSTBY
Turn Off Delay
ms
mode, slope disabled
tPULSE
PWM Input Pulse Width
200
ns
fPWM_IN < 4.5 kHz
10
PWMRES
PWM input resolution
bit
fPWM_IN = 20 kHz
8
Under-Voltage Protection
Symbol
Parameter
Condition
Min
Typ
Max
Units
UVLO_THR = 1, falling
2.55
2.70
2.94
UVLO_THR = 1, rising
2.62
2.76
3.00
VUVLO
UVLO Threshold Voltage
V
UVLO_THR = 0, falling
5.11
5.40
5.68
UVLO_THR = 0, rising
5.38
5.70
5.98
Logic Interface Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic Input PWM
VIL
Input Low Level
0.4
V
VIH
Input High Level
2.2
V
II
Input Current
-1.0
1.0
µA
Logic Input EN
VIL
Input Low Level
0.4
V
VIH
Input High Level
1.2
V
II
Input Current
-1.0
1.0
µA
Logic Input SCLK, SDA, ADR, ALSI, IF_SEL
VIL
Input Low Level
0.2xVDDIO
V
VIH
Input High Level
0.8xVDDIO
V
II
Input Current
-1.0
1.0
µA
Logic Outputs SDA, FAULT
VOL
Output Low Level
IOUT = 3 mA (pull-up current)
0.3
0.5
V
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com