Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8543 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 18Page - Texas Instruments LP8543 Datasheet HTML 19Page - Texas Instruments LP8543 Datasheet HTML 20Page - Texas Instruments LP8543 Datasheet HTML 21Page - Texas Instruments LP8543 Datasheet HTML 22Page - Texas Instruments LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Non Volatile
Memory
(NVM)
SRAM
Startup or
EE_PROG = 1
EEPROM
REGISTERS
Startup or
EE_UPDATE=1
+ EE_READ=1
Device
Control
Calculation
Unit
User
EPROM for
production
testing/trimming
Device Control
NVM Interface
EEPROM
registers
EE_UPDATE=0 + EE_READ=1
Controls
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
EEPROM structure is described in the figure below. User has read and write access to SRAM part of the
EEPROM directly through I2C / SMBus when PWM calculation is not enabled; i.e., <BL_CTL> = 0 and external
PWM pin = low. To see whether the EEPROM can be accessed user can read <EE_READY> bit. ALS and
brightness coefficient curves (address A0h – Afh) and empty EEPROM cells (address B4h – BBh) have only
NVM and SRAM. Other EEPROM cells have also EEPROM registers. For the cells which have also EEPROM
registers, the changes made to SRAM does not take effect until update command is sent. This is done by setting
EE_UPDATE and EE_READ bits to 1. After an update, these bits must be set back to 0. For EEPROM bits
which do not have registers, changes take effect immediately.
At startup the values in NVM part of the EEPROM is loaded to SRAM and to EEPROM registers. User can also
load values from NVM to SRAM and EEPROM registers by writing EE_READ to 1.
To write SRAM values to NVM user needs to first erase EEPROM and the program it. This is done by first writing
EE_ERASE to 1 and then 0. At this point NVM is erased. To burn new values to NVM, user needs to write
EE_PROG to 1 and then 0. The LP8543 generates the needed erase and write voltage from boost output
voltage.
Figure 16. EEPROM Memory Control and Usage Principle
Boost Converter
Operation
The LP8543 boost DC/DC converter generates a 10…38V supply voltage for the LEDs from 5.5…22V input
voltage. The output voltage is controlled with a 5-bit register in 1V steps. The converter is a magnetic switching
PWM mode DC/DC converter with a current limit. The topology of the magnetic boost converter is called CPM
(current programmed mode) control, where the inductor current is measured and controlled with the feedback.
Switching frequency is selectable between 625 kHz and 1.25 MHz with EEPROM bit <BOOST_FREQ>. Boost is
enabled with <EN_BOOST> bit.
22
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com