Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8543 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 30Page - Texas Instruments LP8543 Datasheet HTML 31Page - Texas Instruments LP8543 Datasheet HTML 32Page - Texas Instruments LP8543 Datasheet HTML 33Page - Texas Instruments LP8543 Datasheet HTML 34Page - Texas Instruments LP8543 Datasheet HTML 35Page - Texas Instruments LP8543 Datasheet HTML 36Page - Texas Instruments LP8543 Datasheet HTML 37Page - Texas Instruments LP8543 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Table 14. LP8543 Register Map (continued)
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CURRENT
ALS_CALC
09H
Config2
ALS_SEL
ALS_EN
0000 0000
_SEL
_EN
0AH
ALS MSB
ALS[9:2]
0000 0000
0BH
ALS LSB
ALS[1:0]
0000 0000
DISP2_FA DISP1_FA LED_OPE LED_SHO
0CH
Fault
UVLO
0000 0000
ULT
ULT
N
RT
0DH
TEMP MSB
TEMP[10:3]
0000 0000
0EH
TEMP LSB
TEMP[2:0]
0000 0000
EEPROM_con EE_READ
EE_UPDAT EE_ERAS
72H
NSTBY
EE_PROG
EE_READ 0000 0000
trol
Y
E
E
Table 15. LP8543 EEPROM Memory Map
ADDR
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
A0H
ALS A1[7:0]
3DH
A1H
ALS B1[7:0]
0AH
A2H
ALS THR[7:0]
FFH
A3H
ALS A2[7:0]
00H
A4H
ALS B2[7:0]
FFH
A5H
ALS THR2[7:0]
FFH
A6H
ALS A3[7:0]
00H
A7H
ALS B3[7:0]
FFH
A8H
PWM A1[7:0]
40H
A9H
PWM B1[7:0]
00H
AAH
PWM THR1[7:0]
FFH
ABH
PWM A2[7:0]
00H
ACH
PWM B2[7:0]
FFH
ADH
PWM THR2[7:0]
FFH
AEH
PWM A3[7:0]
00H
AFH
PWM B3[7:0]
FFH
B0H
DISP1_CURRENT[7:0]
62H
B1H
DISP2_CURRENT[7:0]
62H
OUTPUT_CONF[1:0
ALSO_POLA
BOOST_FRE
B2H
SLOPE_SEL[1:0]
ALS_EN
UVLO_THR
21H
]
RITY
Q
EN_DISP2_
DIS_TEMP_
B3H
EN_SLOPE
reserved
TEMP_LIM[1:0]
FAULT_SEL[1:0]
A4H
MON
CALC
EN_STANDALO
EN_AUTOL
BOOST_MO
FILTER_TIM
B4H
reserved
NE
reserved
OAD
DE
DISABLE_PS
E
45H
B5H
PWM_MODE
BOOST_UP[1:0]
PWM_FREQ[2:0]
PSPWM_FREQ[1:0]
BCH
B6H
Reserved
00H
B7H
Reserved
00H
B8H
Reserved
00H
B9H
Reserved
00H
BAH
Reserved
00H
BBH
Reserved
00H
BCH
DIG_COMP[1:0]
LED_FAULT_THR[2:0]
DRV_HEADR_CTRL[2:0]
90H
BDH
Reserved
IMAX_SEL[1:0]
VPROG[4:0]
7CH
BEH
ALS_PRESCALE[9:2]
7AH
BFH
ALS_PRESCALE[1:0]
Reserved Reserved
Reserved
Reserved
Reserved
Reserved
00H
34
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com