Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6470PDTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 4Page - STMicroelectronics L6470PDTR Datasheet HTML 5Page - STMicroelectronics L6470PDTR Datasheet HTML 6Page - STMicroelectronics L6470PDTR Datasheet HTML 7Page - STMicroelectronics L6470PDTR Datasheet HTML 8Page - STMicroelectronics L6470PDTR Datasheet HTML 9Page - STMicroelectronics L6470PDTR Datasheet HTML 10Page - STMicroelectronics L6470PDTR Datasheet HTML 11Page - STMicroelectronics L6470PDTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Block diagram
L6470
8/70
Doc ID16737 Rev 5
1
Block diagram
Figure 1.
Block diagram
AM02377v1
3 V
Voltage Reg.
ADC
Ext. Osc. driver
&
Clock gen.
16MHz
Oscillator
Charge
pump
V DD
Control
Logic
Current DACs
&
Comparators
Temperature
sensing
Current
sensing
STBY/RST
FLAG
CS
CK
SDO
SDI
BUSY/SYNC
SW
STCK
DGND
VDD
OSCIN
OSCOUT ADCIN
VREG
CP
VBOOT
AGND
PGND
PGND
VSA
VSA
OUT1A
OUT2A
VSB
VSB
OUT1B
OUT2B
HS A1
LS A1
HS A2
LS A2
HS B1
LS B1
HS B2
LS B2
HS A1
LS A1
HS A2
LS A2
HS B1
LS B1
HS B2
LS B2
V DD
V boot
V boot
V boot
V boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com