Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6470PDTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 19Page - STMicroelectronics L6470PDTR Datasheet HTML 20Page - STMicroelectronics L6470PDTR Datasheet HTML 21Page - STMicroelectronics L6470PDTR Datasheet HTML 22Page - STMicroelectronics L6470PDTR Datasheet HTML 23Page - STMicroelectronics L6470PDTR Datasheet HTML 24Page - STMicroelectronics L6470PDTR Datasheet HTML 25Page - STMicroelectronics L6470PDTR Datasheet HTML 26Page - STMicroelectronics L6470PDTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
L6470
Functional description
Doc ID16737 Rev 5
23/70
6.4.1
Automatic full-step mode
When motor speed is greater than a programmable full-step speed threshold, the L6470
switches automatically to Full-step mode (see Figure 7); the driving mode returns to
microstepping when motor speed decreases below the full-step speed threshold. The full-
step speed threshold is set through the FS_SPD register (see Section 9.1.9).
Figure 7.
Automatic full-step switching
6.5
Absolute position counter
An internal 22-bit register (ABS_POS) records the motor motion according to the selected
step mode; the stored value unit is equal to the selected step mode (full, half, quarter, etc.).
The position range is from -221to +221-1 (µ)steps (see Section 9.1.1).
6.6
Programmable speed profiles
The user can easily program a customized speed profile defining independently
acceleration, deceleration, maximum and minimum speed values by the ACC, DEC,
MAX_SPEED and MIN_SPEED registers respectively (see Section 9.1.5, 9.1.6, 9.1.7 and
9.1.8).
When a command is sent to the device, the integrated logic generates the microstep
frequency profile that performs a motor motion compliant to speed profile boundaries.
All acceleration parameters are expressed in step/tick2 and all speed parameters are
expressed in step/tick; the unit of measurement does not depend on the selected step
mode. Acceleration and deceleration parameters range from 2-40 to (212-2)•2-40 step/tick2
(equivalent to 14.55 to 59590 step/s2).
The minimum speed parameter ranges from 0 to (212-1)•2-24 step/tick (equivalent to 0 to
976.3 step/s).
The maximum speed parameter ranges from 2-18 to (210-1)• 2-18 step/tick (equivalent to
15.25 to 15610 step/s).
Phase A
Phase B
(2N+1) x
π/4
(2N+1) x
π/4
Full-Step
μStepping
μStepping
I
peak
sin(
π/4) x I
peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com