Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6470PDTR Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 37Page - STMicroelectronics L6470PDTR Datasheet HTML 38Page - STMicroelectronics L6470PDTR Datasheet HTML 39Page - STMicroelectronics L6470PDTR Datasheet HTML 40Page - STMicroelectronics L6470PDTR Datasheet HTML 41Page - STMicroelectronics L6470PDTR Datasheet HTML 42Page - STMicroelectronics L6470PDTR Datasheet HTML 43Page - STMicroelectronics L6470PDTR Datasheet HTML 44Page - STMicroelectronics L6470PDTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
L6470
Programming manual
Doc ID16737 Rev 5
41/70
9.1.1
ABS_POS
The ABS_POS register contains the current motor absolute position in agreement with the
selected step mode; the stored value unit is equal to the selected step mode (full, half,
quarter, etc.). The value is in 2's complement format and it ranges from -221 to +221-1.
At power-on the register is initialized to “0” (HOME position).
Any attempt to write the register when the motor is running causes the command to be
ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22).
9.1.2
EL_POS
The EL_POS register contains the current electrical position of the motor. The two MSbits
indicate the current step and the other bits indicate the current microstep (expressed in
step/128) within the step.
When the EL_POS register is written by the user, the new electrical position is instantly
imposed. When the EL_POS register is written, its value must be masked in order to match
with the step mode selected in the STEP_MODE register in order to avoid a wrong
microstep value generation (see Section 9.1.19); otherwise the resulting microstep
sequence is incorrect.
Any attempt to write the register when the motor is running causes the command to be
ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22).
h18
CONFIG
IC configuration
16
2E88
Internal oscillator, 2 MHz
OSCOUT clock, supply voltage
compensation disabled,
overcurrent shutdown enabled,
slew rate = 290 V/µs PWM
frequency = 15.6 kHz.
R, WH
h19
STATUS
Status
16
XXXX (2)
High impedance state,
UVLO/Reset flag set.
R
h1A
RESERVED
Reserved address
h1B
RESERVED
Reserved address
1.
R: readable, WH: writable only when outputs are in high impedance, WS: writable only when motor is stopped, WR: always
writable.
2.
According to startup conditions.
Table 9.
Register map (continued)
Address
[Hex]
Register name
Register function
Len.
[bit]
Reset
Hex
Reset
value
Remarks (1)
Table 10.
EL_POS register
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STEP
MICROSTEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com