Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 137Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 138Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 139Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 140Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 141Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 142Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 143Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 144Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
141/166
1.
Check that all recommendations related to ICCCLK and reset circuit have been applied
(seeTable 2: Device pin description)
2.
Check that the power supply is properly decoupled (100nF + 10µF close to the MCU).
Refer to AN1709 and AN2017. If this cannot be done, it is recommended to put a
100nF + 1M
Ω pull-down on the RESET pin.
3.
The capacitors connected on the RESET pin and also the power supply are key to
avoid any startup marginality. In most cases, steps 1 and 2 above are sufficient for a
robust solution. Otherwise: replace 10nF pull-down on the RESET pin with a 5µF to
20µF capacitor.”
Note:
Please refer to Section 12.2.1: Illegal opcode reset for more details.
13.10
Communication interface characteristics
13.10.1
Serial peripheral interface (SPI)
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SS, SCK, MOSI, MISO).
Table 83.
Serial peripheral interface (SPI)(1)
1.
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK =
1/tc(SCK)
SPI clock frequency
Master
fCPU = 8MHz
fCPU/128 = 0.0625
fCPU/4 = 2
MHz
Slave
fCPU = 8MHz
0fCPU/2 = 4
tr(SCK)
tf(SCK)
SPI clock rise and fall time
−
see I/O port pin description
tsu(SS)
(2)
2.
Data based on design simulation and/or characterization results, not tested in production.
SS setup time(3)
Slave
(4 x TCPU) +150
−
ns
th(SS)
(2)
SS hold time
Slave
120
−
tw(SCKH)
tw(SCKL)
SCK high and low time
Master
Slave
100
90
−
tsu(MI)
tsu(SI)
Data input setup time
Master
Slave
100
100
−
th(MI)
th(SI)
Data input hold time
Master
Slave
100
100
−
ta(SO)
Data output access time
Slave
0
120
tdis(SO)
Data output disable time
Slave
−
240
tv(SO)
Data output valid time
Slave (after
enable edge)
−
120
th(SO)
Data output hold time
0
−
tv(MO)
Data output valid time
Master (after
enable edge)
−
120
th(MO)
Data output hold time
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com