Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 141Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 142Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 143Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 144Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 145Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 146Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 147Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 148Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Electrical characteristics
Doc ID 8349 Rev 5
145/166
Figure 90. ADC accuracy characteristics with amplifier disabled
●
ET=Total Unadjusted Error: maximum deviation between the actual and the ideal
transfer curves.
●
EO=Offset Error: deviation between the first actual transition and the first ideal one.
●
EG=Gain Error: deviation between the last ideal transition and the last actual one.
●
ED=Differential Linearity Error: maximum deviation between actual steps and the ideal
one.
●
EL=Integral Linearity Error: maximum deviation between any actual transition and the
end point correlation line.
Figure 91. ADC accuracy characteristics with amplifier enabled
Note:
When the AMPSEL bit in the ADCDRL register is set, it is mandatory that fADC be less than
or equal to 2 MHz (if fCPU=8MHz, then SPEED=0, SLOW=1).
●
ET=Total Unadjusted Error: maximum deviation between the actual and the ideal
transfer curves.
●
EO=Offset Error: deviation between the first actual transition and the first ideal one.
●
EG=Gain Error: deviation between the last ideal transition and the last actual one.
●
ED=Differential Linearity Error: maximum deviation between actual steps and the ideal
one.
●
EL=Integral Linearity Error: maximum deviation between any actual transition and the
end point correlation line.
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual
transfer curve
(2) The ideal transfer curve
(3) End point correlation line
1023
1022
1021
5
4
3
2
1
0
7
6
1
234
567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS
Digital result ADCDR
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual
transfer curve
(2) The ideal transfer curve
(3) End point correlation line
Digital Result ADCDR
704
108
0
1
2
3
456
7
701 702 703 704
(1)
(2)
ET
ED
EL
(3)
VSS
430mV
62.5mV
Vin (OPAMP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com