Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 140Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 141Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 142Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 143Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 144Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 145Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 146Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 147Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
144/166
Doc ID 8349 Rev 5
Figure 89. Typical Application with ADC
5.
The stabilization time of the AD converter is masked by the first tLOAD. The first conversion after the enable
is then always valid.
Table 85.
ADC Accuracy with VDD=5.0V
Symbol
Parameter
Conditions
Typ
Max(1)
1.
Data based on characterization results over the whole temperature range, not tested in production.
Unit
|ET|
Total unadjusted error(2)
2.
Injecting negative current on any of the analog input pins significantly reduces the accuracy of any
conversion being performed on any analog input.
Analog pins can be protected against negative injection by adding a Schottky diode (pin to ground).
Injecting negative current on digital input pins degrades ADC accuracy especially if performed on a pin
close to the analog input pins.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.8: I/O port
pin characteristics does not affect the ADC accuracy.
fCPU=8MHz, fADC=4MHz
(1), VDD=5.0V
36
LSB
|EO|
Offset error (2)
1.5
5
|EG|
Gain Error (2)
24.5
|ED|
Differential linearity
error(2)
2.5
4.5
|EL|
Integral linearity error(2)
2.5
4.5
AINx
ST72XXX
VDD
IL
±1
μA
VT
0.6V
VT
0.6V
CADC
6pF
VAIN
RAIN
10-Bit A/D
Conversion
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com