Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE20F2 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 142Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 143Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 144Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 145Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 146Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 147Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 148Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 149Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
146/166
Doc ID 8349 Rev 5
Figure 92. Amplifier noise vs voltage
13.11.1
Amplifier output offset variation
The offset is quite sensitive to temperature variations. In order to ensure a good reliability in
measurements, the offset must be recalibrated periodically i.e. during power on or whenever
the device is reset depending on the customer application and during temperature variation.
Table 87 gives the typical offset variation over temperature.
Table 86.
ADC characteristics(1)
1.
Data based on characterization results over the whole temperature range, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(AMP)
Amplifier operating voltage
−
3.6
−
5.5
V
VIN
Amplifier input voltage(2)
2.
Please refer to the application note AN1830 for details of TE% vs Vin.
VDD=3.6V
0
−
350
mV
VDD=5V
0
−
500
VOFFSET
Amplifier output offset
voltage(3)
3.
Refer to the offset variation in temperature below.
VDD=5V
−
200
−
mV
VSTEP
Step size for monotonicity(4)
4.
Monotonicity guaranteed if VIN increases or decreases in steps of min. 5mV.
VDD=3.6V
3.5
−−
mV
VDD=5V
4.89
−−
Linearity
Output voltage response
−
Linear
Gain factor Amplified analog input gain(5)
5.
For precise conversion results, it is recommended to calibrate the amplifier at the following two points:
− offset at VINmin = 0V
− gain at full scale (for example VIN=430mV).
−−
8
−−
Vmax
Output linearity max voltage
VINmax = 430mV,
VDD=5V
−
3.65
3.94
V
Vmin
Output linearity min voltage
−
200
−
mV
Vin
Vout (ADC input)
Vmax
Vmin
430mV
0V
Noise
(OPAMP input)
Table 87.
Typical offset variation over temperature
Typical offset variation (LSB)
Unit
-45
-20
+25
+90
°C
-12
-7
−
+13
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com