Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F128P30TF75A Datasheet(PDF) 44 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 44 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 40Page - Micron Technology JS28F128P30TF75A Datasheet HTML 41Page - Micron Technology JS28F128P30TF75A Datasheet HTML 42Page - Micron Technology JS28F128P30TF75A Datasheet HTML 43Page - Micron Technology JS28F128P30TF75A Datasheet HTML 44Page - Micron Technology JS28F128P30TF75A Datasheet HTML 45Page - Micron Technology JS28F128P30TF75A Datasheet HTML 46Page - Micron Technology JS28F128P30TF75A Datasheet HTML 47Page - Micron Technology JS28F128P30TF75A Datasheet HTML 48Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
44
Order Number: 208033-02
12.3
Power Supply Decoupling
Flash memory devices require careful power supply de-coupling. Three basic power
supply current considerations are: 1) standby current levels; 2) active current levels;
and 3) transient peaks produced when CE# and OE# are asserted and deasserted.
When the device is accessed, many internal conditions change. Circuits within the
device enable charge-pumps, and internal logic states change at high speed. All of
these internal activities produce transient signals. Transient current magnitudes depend
on the device outputs’ capacitive and inductive loading. Two-line control and correct
de-coupling capacitor selection suppress transient voltage peaks.
Because flash memory devices draw their power from VCC, VPP, and VCCQ, each power
connection should have a 0.1 µF ceramic capacitor to ground. High-frequency,
inherently low-inductance capacitors should be placed as close as possible to package
leads.
Additionally, for every eight devices used in the system, a 4.7 µF electrolytic capacitor
should be placed between power and ground close to the devices. The bulk capacitor is
meant to overcome voltage droop caused by PCB trace inductance.
Figure 15: Reset Operation Waveforms
(A) Reset during
read mode
(B) Reset during
program or block erase
P1
≤ P2
(C) Reset during
program or block erase
P1
≥ P2
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
RST# [P]
RST# [P]
RST# [P]
Abort
Complete
Abort
Complete
V
CC
0V
V
CC
(D) VCC Power-up to
RST# high
P1
R5
P2
P3
P2
R5
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com