Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8642ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8642ARMZ
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8642ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8642ARMZ Datasheet HTML 1Page - Analog Devices AD8642ARMZ Datasheet HTML 2Page - Analog Devices AD8642ARMZ Datasheet HTML 3Page - Analog Devices AD8642ARMZ Datasheet HTML 4Page - Analog Devices AD8642ARMZ Datasheet HTML 5Page - Analog Devices AD8642ARMZ Datasheet HTML 6Page - Analog Devices AD8642ARMZ Datasheet HTML 7Page - Analog Devices AD8642ARMZ Datasheet HTML 8Page - Analog Devices AD8642ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. E | Page 4 of 16
VS= ±13 V, VCM = 0 V, TA =25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
70
750
μV
AD8643 LFCSP only
1
mV
–40° < TA < +125°C
1.5
mV
Input Bias Current
IB
0.25
1
pA
–40°C < TA < +125°C
260
pA
Input Offset Current
IOS
0.5
pA
–40°C < TA < +125°C
65
pA
Input Voltage Range
–13
+10
V
Common-Mode Rejection Ratio
CMRR
VCM = −13 V to +10 V
90
107
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = –11 V to +11 V
215
290
V/mV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +125°C
2.5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
+12.95
V
IL = 1 mA, –40°C to +125°C
+12.94
V
Output Voltage Low
VOL
–12.95
V
IL = 1 mA, –40°C to +125°C
–12.94
V
Output Current
IOUT
±12
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±13 V
90
107
dB
Supply Current/Amplifier
ISY
200
290
μA
–40°C < TA < +125°C
330
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
3
V/μs
Gain Bandwidth Product
GBP
3.5
MHz
Phase Margin
Øm
60
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4.2
μV p-p
Voltage Noise Density
eN
f = 1 kHz
27.5
nV/√Hz
Current Noise Density
iN
f = 1 kHz
0.5
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com