Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8642ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8642ARMZ
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8642ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8642ARMZ Datasheet HTML 3Page - Analog Devices AD8642ARMZ Datasheet HTML 4Page - Analog Devices AD8642ARMZ Datasheet HTML 5Page - Analog Devices AD8642ARMZ Datasheet HTML 6Page - Analog Devices AD8642ARMZ Datasheet HTML 7Page - Analog Devices AD8642ARMZ Datasheet HTML 8Page - Analog Devices AD8642ARMZ Datasheet HTML 9Page - Analog Devices AD8642ARMZ Datasheet HTML 10Page - Analog Devices AD8642ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 7 of 16
0.1
1
10
100
1000
50
75
0
25
100
125
150
TEMPERATURE (
°C)
VSY = ±13V
Figure 13. Input Bias Current vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
VSY = +5V OR ±5V
Figure 14. Input Bias Current vs. VCM
–15 –13 –11
–9
–7
–5
–3
–1
1
3
5
7
9
11
13
15
VCM (V)
0
–100
0
200
600
800
1000
400
100
500
700
900
300
VSY = ±13V
Figure 15. Input Offset Voltage vs. VCM
–500
–400
–300
–200
–100
0
100
200
300
400
500
1.0
1.5
0
0.5
2.0
2.5
VCM (V)
VSY = 5V
Figure 16. Input Offset Voltage vs. VCM
10k
1M
100k
10M
LOAD RESISTANCE (k
Ω)
0.1
10
1
100
VSY = ±13V
VSY = ±2.5V
Figure 17. Open-Loop Gain vs. Load Resistance
1
100
10
1000
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
A. VSY = ±13V, VO = ±11V, RL = 10kΩ
B. VSY = ±13V, VO = ±11V, RL = 2kΩ
C. VSY = +5V, VO = +0.5V/+4.5V, RL = 10kΩ
D. VSY = +5V, VO = +0.5V/+4.5V, RL = 2kΩ
E. VSY = +5V, VO = +0.5V/+4.5V, RL = 600Ω
A
B
C
D
E
Figure 18. Open-Loop Gain vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com