Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8642ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8642ARMZ
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8642ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8642ARMZ Datasheet HTML 1Page - Analog Devices AD8642ARMZ Datasheet HTML 2Page - Analog Devices AD8642ARMZ Datasheet HTML 3Page - Analog Devices AD8642ARMZ Datasheet HTML 4Page - Analog Devices AD8642ARMZ Datasheet HTML 5Page - Analog Devices AD8642ARMZ Datasheet HTML 6Page - Analog Devices AD8642ARMZ Datasheet HTML 7Page - Analog Devices AD8642ARMZ Datasheet HTML 8Page - Analog Devices AD8642ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
27.3 V
Input Voltage
VS− to VS+
Differential Input Voltage
±Supply Voltage
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
KS-5, R-8, RM-8, R-14, CP-16 Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
KS-5, R-8, RM-8, R-14, CP-16 Packages
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
was measured using a standard 4-layer board. For the LFCSP
package, solder the exposed pad to a copper plane, which
should be connected to V+.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead SC70 (KS)
430
149
°C/W
8-Lead SOIC (R)
121
43
°C/W
8-Lead MSOP (RM)
142
45
°C/W
14-Lead SOIC (R)
110
36
°C/W
16-Lead LFCSP (CP)
81
16
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com