Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IM-3.3 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2989IM-3.3
Description  Ultra low dropout voltage, Guaranteed 500 mA continuous output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989IM-3.3 Datasheet(HTML) 5 Page - Texas Instruments

  LP2989IM-3.3 Datasheet HTML 1Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 2Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 3Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 4Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 5Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 6Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 7Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 8Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Ordering Information (Continued)
TABLE 1. Package Marking and Ordering Information (Continued)
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
3.3
STD
LP2989IMM-3.3
LA2B
1000 Units on Tape and Reel
3.3
STD
LP2989IMMX-3.3
LA2B
3500 Units on Tape and Reel
5.0
A
LP2989AIMM-5.0
LA4A
1000 Units on Tape and Reel
5.0
A
LP2989AIMMX-5.0
LA4A
3500 Units on Tape and Reel
5.0
STD
LP2989IMM-5.0
LA4B
1000 Units on Tape and Reel
5.0
STD
LP2989IMMX-5.0
LA4B
3500 Units on Tape and Reel
SO-8 (M)
2.5
A
LP2989AIMX-2.5
LP2989AIM2.5
2500 Units on Tape and Reel
2.5
A
LP2989AIM-2.5
LP2989AIM2.5
Shipped in Anti-Static Rails
2.5
STD
LP2989IMX-2.5
LP2989IM2.5
2500 Units on Tape and Reel
2.5
STD
LP2989IM-2.5
LP2989IM2.5
Shipped in Anti-Static Rails
3.0
A
LP2989AIMX-3.0
LP2989AIM3.0
2500 Units on Tape and Reel
3.0
A
LP2989AIM-3.0
LP2989AIM3.0
Shipped in Anti-Static Rails
3.0
STD
LP2989IMX-3.0
LP2989IM3.0
2500 Units on Tape and Reel
3.0
STD
LP2989IM-3.0
LP2989IM3.0
Shipped in Anti-Static Rails
3.3
A
LP2989AIMX-3.3
LP2989AIM3.3
2500 Units on Tape and Reel
3.3
A
LP2989AIM-3.3
LP2989AIM3.3
Shipped in Anti-Static Rails
3.3
STD
LP2989IMX-3.3
LP2989IM3.3
2500 Units on Tape and Reel
3.3
STD
LP2989IM-3.3
LP2989IM3.3
Shipped in Anti-Static Rails
5.0
A
LP2989AIMX-5.0
LP2989AIM5.0
2500 Units on Tape and Reel
5.0
A
LP2989AIM-5.0
LP2989AIM5.0
Shipped in Anti-Static Rails
5.0
STD
LP2989IMX-5.0
LP2989IM5.0
2500 Units on Tape and Reel
5.0
STD
LP2989IM-5.0
LP2989IM5.0
Shipped in Anti-Static Rails
For output voltages < 2V, see LP2989LV datasheet.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com