Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IM-3.3 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2989IM-3.3
Description  Ultra low dropout voltage, Guaranteed 500 mA continuous output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989IM-3.3 Datasheet(HTML) 3 Page - Texas Instruments

  LP2989IM-3.3 Datasheet HTML 1Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 2Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 3Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 4Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 5Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 6Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 7Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 8Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Connection Diagrams
Surface Mount Packages:
8 Lead LLP Surface Mount Package
10133902
SO-8/Mini SO-8 Package
See NS Package Drawing Numbers M08A/MUA08A
10133950
Top View
See NS Package Number LDC08A
Basic Application Circuit
10133903
*Capacitance values shown are minimum required to assure stability, but may be increased without limit. Larger output capacitor provides improved dynamic
response. See Application Hints.
**Shutdown must be actively terminated (see App. Hints). Tie to INPUT (Pin4) if not used
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com