Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989IM-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2989IM-3.3
Description  Ultra low dropout voltage, Guaranteed 500 mA continuous output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989IM-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LP2989IM-3.3 Datasheet HTML 1Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 2Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 3Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 4Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 5Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 6Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 7Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 8Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP2989
LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use
with Ceramic Output Capacitors
Literature Number: SNVS083M


Similar Part No. - LP2989IM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989IM-3.3 TI1-LP2989IM-3.3 Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP2989IM-3.3/NOPB TI1-LP2989IM-3.3/NOPB Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2989IM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
500 mA Low Dropout Voltage Regulators
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
500 mA Low Dropout Voltage Regulator
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS76515 TI1-TPS76515_16 Datasheet
1Mb / 27P
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
150 mA guaranteed output current
16-Jan-2014
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com