Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113STR Datasheet(PDF) 3 Page - International Rectifier

Part # IR2113STR
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113STR Datasheet(HTML) 3 Page - International Rectifier

  IR2113STR Datasheet HTML 1Page - International Rectifier IR2113STR Datasheet HTML 2Page - International Rectifier IR2113STR Datasheet HTML 3Page - International Rectifier IR2113STR Datasheet HTML 4Page - International Rectifier IR2113STR Datasheet HTML 5Page - International Rectifier IR2113STR Datasheet HTML 6Page - International Rectifier IR2113STR Datasheet HTML 7Page - International Rectifier IR2113STR Datasheet HTML 8Page - International Rectifier IR2113STR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.irf.com
3
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
7
—
120
150
VS = 0V
toff
Turn-off propagation delay
8
—
94
125
VS = 500V/600V
tsd
Shutdown propagation delay
9
—
110
140
VS = 500V/600V
tr
Turn-on rise time
10
—
25
35
tf
Turn-off fall time
11
—
17
25
MT
Delay matching, HS & LS
(IR2110)
—
—
—
10
turn-on/off
(IR2113)
—
—
—
20
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, CL = 1000 pF, TA = 25°C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Figure 3.
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
12
9.5
—
—
VIL
Logic “0” input voltage
13
—
—
6.0
VOH
High level output voltage, VBIAS - VO
14
—
—
1.2
IO = 0A
VOL
Low level output voltage, VO
15
—
—
0.1
IO = 0A
ILK
Offset supply leakage current
16
—
—
50
VB=VS = 500V/600V
IQBS
Quiescent VBS supply current
17
—
125
230
VIN = 0V or VDD
IQCC
Quiescent VCC supply current
18
—
180
340
VIN = 0V or VDD
IQDD
Quiescent VDD supply current
19
—
15
30
VIN = 0V or VDD
IIN+
Logic “1” input bias current
20
—
20
40
VIN = VDD
IIN-
Logic “0” input bias current
21
—
—
1.0
VIN = 0V
VBSUV+
VBS supply undervoltage positive going
22
7.5
8.6
9.7
threshold
VBSUV-
VBS supply undervoltage negative going
23
7.0
8.2
9.4
threshold
VCCUV+
VCC supply undervoltage positive going
24
7.4
8.5
9.6
threshold
VCCUV-
VCC supply undervoltage negative going
25
7.0
8.2
9.4
threshold
IO+
Output high short circuit pulsed current
26
2.0
2.5
—
VO = 0V, VIN = VDD
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
27
2.0
2.5
—
VO = 15V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.
V
µA
V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com