Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113STR Datasheet(PDF) 10 Page - International Rectifier

Part # IR2113STR
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113STR Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2113STR Datasheet HTML 6Page - International Rectifier IR2113STR Datasheet HTML 7Page - International Rectifier IR2113STR Datasheet HTML 8Page - International Rectifier IR2113STR Datasheet HTML 9Page - International Rectifier IR2113STR Datasheet HTML 10Page - International Rectifier IR2113STR Datasheet HTML 11Page - International Rectifier IR2113STR Datasheet HTML 12Page - International Rectifier IR2113STR Datasheet HTML 13Page - International Rectifier IR2113STR Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
www.irf.com
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Figure 14B. High Level Output vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
M ax.
Figure 15A. Low Level Output vs. Temperature
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Figure 15B. Low Level Output vs. Voltage
0.00
0.20
0.40
0.60
0.80
1.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Figure 16A. Offset Supply Current vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Figure 16B. Offset Supply Current vs. Voltage
0
100
200
300
400
500
0
100
200
300
400
500
600
VB Boost Voltage (V)
Max.
IR2110
IR2113
Figure 17A. VBS Supply Current vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com