Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113STR Datasheet(PDF) 6 Page - International Rectifier

Part # IR2113STR
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113STR Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2113STR Datasheet HTML 2Page - International Rectifier IR2113STR Datasheet HTML 3Page - International Rectifier IR2113STR Datasheet HTML 4Page - International Rectifier IR2113STR Datasheet HTML 5Page - International Rectifier IR2113STR Datasheet HTML 6Page - International Rectifier IR2113STR Datasheet HTML 7Page - International Rectifier IR2113STR Datasheet HTML 8Page - International Rectifier IR2113STR Datasheet HTML 9Page - International Rectifier IR2113STR Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
www.irf.com
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
Figure 3. Switching Time Test Circuit
Figure 4. Switching Time Waveform Definition
Figure 6. Delay Matching Waveform Definitions
Figure 5. Shutdown Waveform Definitions
HIN
LIN
tr
ton
tf
toff
HO
LO
50%
50%
90%
90%
10%
10%
HIN
LIN
HO
50%
50%
10%
LO
90%
MT
HO
LO
MT
SD
tsd
HO
LO
50%
90%
10
µF
0.1
µF
V =15V
cc
9
36
5
7
1
2
13
12
11
10
HIN
SD
LIN
HO
LO
0.1
µF
10
µF
10
µF
CL
CL
VB
+
-
S
V
(0 to 500V/600V)
15V
10
µF
0.1
µF
V =15V
cc
9
36
5
7
1
2
13
12
11
10
HO
0.1
µF
OUTPUT
MONITOR
10KF6
10KF6
200
µH
10KF6
100
µF
+
IRF820
HV = 10 to 500V/600V
dVS
>50 V/ns
dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com