Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3DSHTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS3DSHTR
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSHTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS3DSHTR Datasheet HTML 29Page - STMicroelectronics LIS3DSHTR Datasheet HTML 30Page - STMicroelectronics LIS3DSHTR Datasheet HTML 31Page - STMicroelectronics LIS3DSHTR Datasheet HTML 32Page - STMicroelectronics LIS3DSHTR Datasheet HTML 33Page - STMicroelectronics LIS3DSHTR Datasheet HTML 34Page - STMicroelectronics LIS3DSHTR Datasheet HTML 35Page - STMicroelectronics LIS3DSHTR Datasheet HTML 36Page - STMicroelectronics LIS3DSHTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
LIS3DSH
Register description
Doc ID 022405 Rev 1
33/53
8.5
CTRL_REG4 (20h)
Control register 4.
ODR<3:0> is used to set Power Mode and ODR selection. In
Table 24 (output data rate
selection
Table 22) all frequencies available are reported.
VFILT
Vector filter enable/disable. Default value:0
0 = vector filter disabled, 1 = vector filter enabled
STRT
Soft reset bit
0 = no soft reset, 1 = soft reset (POR function)
Table 21.
CTRL_REG3 register description (continued)
Table 22.
Control register 4
ODR3
ODR2
ODR1
ODR0
BDU
ZEN
YEN
XEN
Table 23.
CTRL_REG4 register description
ODR 3:0
Output data rate and power mode selection. Default value:0000 (see
Table 24)
BDU
Block data update. Default value:0
0:continuos update,1:output registers not updated until MSB and LSB reading)
Zen
Z axis enable. Default value:1
(0:Z axis disabled; 1:Z axis enabled)
Yen
Y axis enable. Default value:1
(0:Y axis disabled; 1:Y axis enabled)
Xen
X axis enable. Default value:1
0=X axis disabled; 1=X axis enabled
Table 24.
CTRL4 ODR configuration
ODR3
ODR2
ODR1
ODR0
ODR selection
0
000Power down
0
0013.125 Hz
0
0106.25 Hz
0
0
1
1
12.5 Hz
0
10025 Hz
0
10150 Hz
0
110100 Hz
0
111400 Hz
1
000800 Hz
1
0
0
1
1600 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com