Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3DSHTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS3DSHTR
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSHTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS3DSHTR Datasheet HTML 31Page - STMicroelectronics LIS3DSHTR Datasheet HTML 32Page - STMicroelectronics LIS3DSHTR Datasheet HTML 33Page - STMicroelectronics LIS3DSHTR Datasheet HTML 34Page - STMicroelectronics LIS3DSHTR Datasheet HTML 35Page - STMicroelectronics LIS3DSHTR Datasheet HTML 36Page - STMicroelectronics LIS3DSHTR Datasheet HTML 37Page - STMicroelectronics LIS3DSHTR Datasheet HTML 38Page - STMicroelectronics LIS3DSHTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
LIS3DSH
Register description
Doc ID 022405 Rev 1
35/53
8.8
STATUS (27h)
Status register.
Table 29.
Control register 6 description
BOOT
Force reboot, cleared as soon as the reboot is finished. Active high.
FIFO_EN
FIFO enable. Default value 0.
0=disable; 1=enable
WTM_EN
Enable FIFO Watermark level use. Default value 0.
0=disable; 1=enable
ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI).
0=disable; 1=enable
P1_EMPTY
Enable FIFO Empty indication on int1. Default value 0.
0=disable; 1=enable
P1_WTM
FIFO Watermark interrupt on int1. Default value 0.
0:=disable; 1=enable
P1_OVERRUN FIFO overrun interrupt on int1. Default value 0.
0=disable; 1=enable
P2_BOOT
BOOT interrupt on int2. Default value 0.
0=disable; 1=enable
Table 30.
Status register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 31.
Status register description
ZYXOR
X, Y, and Z axis data overrun. Default value: 0
0=no overrun has occurred; 1=a new set of data has overwritten the previous ones
ZOR
Z axis data overrun. Default value: 0
0=no overrun has occurred; 1=a new set of data for the Z-axis has overwritten the pre-
vious one
YOR
Y axis data overrun. Default value: 0
0=no overrun has occurred;
1=a new data for the Y-axis has overwritten the previous one
XOR
X axis data overrun. Default value: 0
0=no overrun has occurred;
1=a new data for the X-axis has overwritten the previous one
ZYXDA
X, Y, and Z axis new data available. Default value: 0
0=a new set of data is not yet available; 1=a new set of data is available
ZDA
Z axis new data available. Default value: 0
0=a new data for the Z-axis is not yet available;
1=a new data for the Z-axis is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com