Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3DSHTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LIS3DSHTR
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSHTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LIS3DSHTR Datasheet HTML 38Page - STMicroelectronics LIS3DSHTR Datasheet HTML 39Page - STMicroelectronics LIS3DSHTR Datasheet HTML 40Page - STMicroelectronics LIS3DSHTR Datasheet HTML 41Page - STMicroelectronics LIS3DSHTR Datasheet HTML 42Page - STMicroelectronics LIS3DSHTR Datasheet HTML 43Page - STMicroelectronics LIS3DSHTR Datasheet HTML 44Page - STMicroelectronics LIS3DSHTR Datasheet HTML 45Page - STMicroelectronics LIS3DSHTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Register description
LIS3DSH
42/53
Doc ID 022405 Rev 1
8.32
TIM2_1 (52h - 53h)
16-bit general timer (unsigned value) for SM1 operation timing.
8.33
TIM1_1 (54h - 55h)
16-bit general timer (unsigned value) for SM1 operation timing.
8.34
THRS2_1 (56h)
Threshold value for SM1 operation.
8.35
THRS1_1 (57h)
Threshold value for SM1 operation.
Table 62.
Timer3 default value
0
000
00
00
Table 63.
TIM2_1_L default value
0
000
00
00
Table 64.
TIM2_1_H default value
0
000
00
00
Table 65.
TIM1_1_L default value
0
000
00
00
Table 66.
TIM1_1_H default value
0
000
00
00
Table 67.
THRS2_1 default value
0
000
00
00
Table 68.
THRS1_1 default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com