Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AICT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL431AICT
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AICT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL431AICT Datasheet HTML 4Page - STMicroelectronics TL431AICT Datasheet HTML 5Page - STMicroelectronics TL431AICT Datasheet HTML 6Page - STMicroelectronics TL431AICT Datasheet HTML 7Page - STMicroelectronics TL431AICT Datasheet HTML 8Page - STMicroelectronics TL431AICT Datasheet HTML 9Page - STMicroelectronics TL431AICT Datasheet HTML 10Page - STMicroelectronics TL431AICT Datasheet HTML 11Page - STMicroelectronics TL431AICT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
TL431, TL432
8/21
Doc ID 4467 Rev 11
Figure 7.
Test circuit for VKA = Vref
Figure 8.
Test circuit for programming mode
Input
V
KA
V
REF
I
K=10mA
Output
R
VKA = VREF
+ R1 x IREF
1
R1
R2
-------
+
()
Input
V
KA
V
REF
I
K
R1
R2
I
REF
R
Output
Figure 9.
Test circuit for Ioff
Figure 10.
Test circuit for phase margin and
voltage gain
V
KA=36V
I
OFF
Input
V
REF
I
K=10mA
10
μF
10
μF
Figure 11.
Test circuit for response time
Figure 12.
Reference voltage vs. temperature
I
K=1mA
0 mA
1 mA
-40
-20
0
20
40
60
80
100
120
2.44
2.46
2.48
2.50
2.52
2.54
V
KA
= V
REF
I
K
= 10 mA
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com