Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AICT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TL431AICT
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AICT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TL431AICT Datasheet HTML 5Page - STMicroelectronics TL431AICT Datasheet HTML 6Page - STMicroelectronics TL431AICT Datasheet HTML 7Page - STMicroelectronics TL431AICT Datasheet HTML 8Page - STMicroelectronics TL431AICT Datasheet HTML 9Page - STMicroelectronics TL431AICT Datasheet HTML 10Page - STMicroelectronics TL431AICT Datasheet HTML 11Page - STMicroelectronics TL431AICT Datasheet HTML 12Page - STMicroelectronics TL431AICT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TL431, TL432
Electrical characteristics
Doc ID 4467 Rev 11
9/21
Figure 13.
Reference voltage vs. cathode
current
Figure 14.
Zoom on reference voltage vs.
cathode current
Figure 15.
Reference current vs. temperature
Figure 16.
Off-state cathode current vs.
temperature
-40
-20
0
20406080
100
120
0.0
0.5
1.0
1.5
2.0
I
K
=10 mA
R
1
=10k
Ω
R2= +
∝
Temperature °C
-40
-20
0
2040
6080
100
120
0.0
0.1
0.2
0.3
0.4
V
KA
= 36 V
V
REF
= 0 V
Temperature (
°C)
Figure 17.
Ratio of change in Vref to change in
VKA vs. temperature
Figure 18.
Static impedance RKA vs.
temperature
-40
-20
0
20
40
60
80
100
120
-2.0
-1.5
-1.0
-0.5
0.0
I
K
= 10 mA
Temperature (
°C)
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
V
KA
=V
REF
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com