Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AICT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TL431AICT
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AICT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TL431AICT Datasheet HTML 13Page - STMicroelectronics TL431AICT Datasheet HTML 14Page - STMicroelectronics TL431AICT Datasheet HTML 15Page - STMicroelectronics TL431AICT Datasheet HTML 16Page - STMicroelectronics TL431AICT Datasheet HTML 17Page - STMicroelectronics TL431AICT Datasheet HTML 18Page - STMicroelectronics TL431AICT Datasheet HTML 19Page - STMicroelectronics TL431AICT Datasheet HTML 20Page - STMicroelectronics TL431AICT Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
TL431, TL432
Ordering information
Doc ID 4467 Rev 11
19/21
TL431IYD (1)
TL431IYDT (1)
2
-40°C to + 125°C
SO-8
(Automotive
grade level)
Tube or
tape and reel
431IY
TL431AIYD (1)
TL431AIYDT (1)
1
431AIY
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent.
Table 12.
Order codes (continued)
Order code
Accuracy
(%)
Temperature
range
Package
Packing
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com