Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLUX385A Datasheet(PDF) 83 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 79Page - STMicroelectronics STLUX385A Datasheet HTML 80Page - STMicroelectronics STLUX385A Datasheet HTML 81Page - STMicroelectronics STLUX385A Datasheet HTML 82Page - STMicroelectronics STLUX385A Datasheet HTML 83Page - STMicroelectronics STLUX385A Datasheet HTML 84Page - STMicroelectronics STLUX385A Datasheet HTML 85Page - STMicroelectronics STLUX385A Datasheet HTML 86Page - STMicroelectronics STLUX385A Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
DocID024387 Rev 2
83/98
STLUX385A
Electrical characteristics
10.3.5
Memory characteristics
Flash program and memory/data E2PROM memory
General conditions: T
A
= -40 °C to 105 °C.
10.3.6
I/O port pin characteristics
Subject to general operating conditions for V
DD
and T
A
unless otherwise specified. Unused
input pins should not be left floating.
1.
Data based on characterization results, not tested in production.
2.
PLL maximum input frequency 16 MHz.
Table 46. Flash program memory/data E2PROM memory
Symbol
Parameter
Conditions
Min.(1)
1.
Data based on characterization results, not tested in production.
Typ.
Max.
Unit
t
PROG
Standard programming time
66.6
ms
(including erase) for
byte/word/block
(1 byte/4 bytes/128 bytes)
Fast programming time for 1
block (128 bytes)
33.3
t
ERASE
Erase time for 1 block (128
bytes)
33.3
ms
N
WE
Erase/write cycles
(2)
(program
memory)
2.
The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes even when a
write/erase operation addresses a single byte.
T
A
= 25 °C
10 K
Cycles
Erase/write cycles
(2)
(data
memory)
T
A
= 85 °C
100 K
T
A
= 105 °C
35 K
t
RET
Data retention (program
memory) after 10 K erase/write
cycles at T
A
= 25 °C
T
RET
= 85 °C
15
Years
Data retention (program
memory) after 10 K erase/write
cycles at T
A
= 25 °C
T
RET
= 105 °C
11
Data retention (data memory)
after 100 K erase/write cycles at
T
A
= 85 °C
T
RET
= 85 °C
15
Data retention (data memory)
after 35 K erase/write cycles at
T
A
= 105 °C
T
RET
= 105 °C
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com