Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLUX385A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 31Page - STMicroelectronics STLUX385A Datasheet HTML 32Page - STMicroelectronics STLUX385A Datasheet HTML 33Page - STMicroelectronics STLUX385A Datasheet HTML 34Page - STMicroelectronics STLUX385A Datasheet HTML 35Page - STMicroelectronics STLUX385A Datasheet HTML 36Page - STMicroelectronics STLUX385A Datasheet HTML 37Page - STMicroelectronics STLUX385A Datasheet HTML 38Page - STMicroelectronics STLUX385A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
DocID024387 Rev 2
35/98
STLUX385A
I/O multifunction signal configuration
MSC_IOMXP1 (Port P1 I/O mux control register)
Port1 I/O multifunction signal configuration register (for functionality description refers to
Section 5.3).
Bit 0:
Sel_p10 Port1[0] I/O multiplexing scheme:
0: Port1[0] is interconnected to GPIO1[0] signal
1: Port1[0] is interconnected to PWM[0] signal
Bit 1:
Sel_p11 Port1[1] I/O multiplexing scheme:
0: Port1[1] is interconnected to GPIO1[1] signal
1: Port1[1] is interconnected to PWM[1] signal
Bit 2:
Sel_p12 Port1[2] I/O multiplexing scheme:
0: Port1[2] is interconnected to GPIO1[2] signal
1: Port1[2] is interconnected to PWM[2] signal
Bit 3:
Sel_p13 Port1[3] I/O multiplexing scheme:
0: Port1[3] is interconnected to GPIO1[3] signal
1: Port1[3] is interconnected to PWM[3] signal
Bit 4:
Sel_p14 Port1[4] I/O multiplexing scheme:
0: Port1[4] is interconnected to GPIO1[4] signal
1: Port1[4] is interconnected to PWM[4] signal
Bit 5:
Sel_p15 Port1[5] I/O multiplexing scheme:
0: Port1[5] is interconnected to GPIO1[5] signal
1: Port1[5] is interconnected to PWM[5] signal
Bit 7-6:
RFU reserved; in order to guarantee future compatibility, the bits are kept or set to 0
during register write operations
Offset: 0x2B
Default value: 0x3F
7
6543
210
RFU
Sel_p15
Sel_p14
Sel_p13
Sel_p12
Sel_p11
Sel_p10
rr/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com