Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLUX385A Datasheet(PDF) 92 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 88Page - STMicroelectronics STLUX385A Datasheet HTML 89Page - STMicroelectronics STLUX385A Datasheet HTML 90Page - STMicroelectronics STLUX385A Datasheet HTML 91Page - STMicroelectronics STLUX385A Datasheet HTML 92Page - STMicroelectronics STLUX385A Datasheet HTML 93Page - STMicroelectronics STLUX385A Datasheet HTML 94Page - STMicroelectronics STLUX385A Datasheet HTML 95Page - STMicroelectronics STLUX385A Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
Thermal characteristics
STLUX385A
92/98
DocID024387 Rev 2
11
Thermal characteristics
The STLUX385A functionality cannot be guaranteed when the device is operating under the
maximum chip junction temperature (T
Jmax
).
T
Jmax
, in degrees Celsius, may be calculated using the following equation:
Where:
T
Amax
is the maximum ambient temperature in °C
Θ
JA
is the package junction-to-ambient thermal resistance in °C/W
P
Dmax
is the sum of P
INTmax
and P
I/Omax
(P
Dmax
= P
INTmax
+ PI/O
max
)
P
INTmax
is the product of I
DD
and V
DD
, expressed in watts. This is the maximum chip internal
power.
P
I/Omax
represents the maximum power dissipation on output pins where: P
I/Omax
=
Σ
(V
OL
*I
OL
) +
Σ((V
DD
-V
OH
)*I
OH
), taking into account the actual V
OL
/I
OL
and V
OH
/I
OH
of the
I/Os at low and high level.
Table 59. Package thermal characteristics
Symbol
Parameter
Value
Unit
Θ
JA
Thermal resistance junction-to-ambient
(1)
1.
Thermal resistance are based on JEDEC JESD51-2 with 4-layer PCB in a natural convection environment.
80
°C/W
T
Jm a x
T
Am a x
PD
max
Θ
JA
×
()
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com