Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLUX385ATR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 20Page - STMicroelectronics STLUX385ATR Datasheet HTML 21Page - STMicroelectronics STLUX385ATR Datasheet HTML 22Page - STMicroelectronics STLUX385ATR Datasheet HTML 23Page - STMicroelectronics STLUX385ATR Datasheet HTML 24Page - STMicroelectronics STLUX385ATR Datasheet HTML 25Page - STMicroelectronics STLUX385ATR Datasheet HTML 26Page - STMicroelectronics STLUX385ATR Datasheet HTML 27Page - STMicroelectronics STLUX385ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
Product overview
STLUX385A
24/98
DocID024387 Rev 2
3.7.3
Inter-integrated circuit interface (I2C)
I
2
C (inter-integrated circuit) bus interface serves as an interface between the microcontroller
and the serial I
2
C bus. It provides multi-master capability, and controls all I
2
C bus-specific
sequencing, protocol, arbitration and timing. It supports standard and fast speed modes.
Parallel-bus/I
2
C protocol converter
Multi-master capability: the same interface can act as master or slave
I
2
C master features:
Clock generation
Start and stop generation
I
2
C slave features:
Programmable I
2
C address detection
Stop bit detection
Generation and detection of 7-bit/10-bit addressing and general call
Supports different communication speeds:
Standard speed (up to 100 kHz)
Fast speed (up to 400 kHz)
Status flags:
Transmitter/receiver mode flag
End-of-byte transmission flag
–I
2
C busy flag
Error flags:
Arbitration lost condition for master mode
Acknowledgment failure after address/ data transmission
Detection of misplaced start or stop condition
Overrun/underrun if clock stretching is disabled
Interrupt sources:
Communication interrupt
Error condition interrupt
Wakeup from Halt interrupt
Wakeup capability:
MCU wakes up from low power mode on address detection in slave mode
3.8
Analog to digital converter (ADC)
The STLUX385A includes a 10-bit successive approximation ADC with 8 multiplexed input
channels. The analog input signal can be amplified before conversion by a selectable gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99