Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7798EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7798EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7798EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7798EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD7798/AD7799
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = 2.7 V to 5.25 V; DVDD = 2.7 V to 5.25 V; GND = 0 V; REFIN(+) = AVDD; REFIN(−) = 0 V. All specifications TMIN to TMAX, unless
otherwise noted.
Table 1.
Parameter
AD7798B/AD7799B1
Unit
Test Conditions/Comments
ADC CHANNEL
Output Update Rate
4.17 − 470
Hz nom
No Missing Codes2
24
Bits min
AD7799: fADC < 242 Hz
16
Bits min
AD7798
Resolution
See Table 5 to Table 8
Output Noise and Update Rates
See Table 5 to Table 8
Integral Nonlinearity
±15
ppm of FSR max
Offset Error3
±1
µV typ
Offset Error Drift vs. Temperature4
±10
nV/°C typ
Full-Scale Error3, 5
±10
µV typ
Gain Drift vs. Temperature4
±1
ppm/°C typ
Power Supply Rejection
100
dB min
AIN = 1 V/gain, gain ≥ 4
ANALOG INPUTS
Differential Input Voltage Ranges
±VREF/gain
V nom
VREF = REFIN(+) – REFIN(–), gain = 1 to 128
Absolute AIN Voltage Limits2
Unbuffered Mode
GND − 30 mV
V min
Gain = 1 or 2
AVDD + 30 mV
V max
Buffered Mode
GND + 100 mV
V min
Gain = 1 or 2
AVDD – 100 mV
V max
In-Amp Active
GND + 300 mV
V min
Gain = 4 to 128
AVDD − 1.1
V max
Common-Mode Voltage, VCM
0.5
V min
VCM = (AIN(+) + AIN(−))/2, gain = 4 to 128
Analog Input Current
Buffered Mode or In-Amp Active
Average Input Current2
±1
nA max
Gain = 1 or 2, update rate < 100 Hz
±250
pA max
Gain = 4 to 128, update rate < 100 Hz
±1
nA max
AIN3(+)/AIN3(−), update rate < 100 Hz
Average Input Current Drift
±2
pA/°C typ
Unbuffered Mode
Gain = 1 or 2
Average Input Current
±400
nA/V typ
Input current varies with input voltage
Average Input Current Drift
±50
pA/V/°C typ
Normal Mode Rejection2
@ 50 Hz, 60 Hz
65
dB min
80 dB typ, 50 ± 1 Hz, 60 ± 1 Hz (FS[3:0] = 1010)6
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz (FS[3:0] = 1001)6
@ 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz (FS[3:0] = 1000)6
Common-Mode Rejection
@ DC
100
dB min
AIN = 1 V/gain, gain ≥ 4
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz, 60 ± 1 Hz (FS[3:0] = 1010)6
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz (FS[3:0] = 10016), 60 ± 1 Hz
(FS[3:0] = 10006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com