Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7798EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-AD7798EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7798EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-AD7798EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
8388640
8388630
8388620
8388610
8388600
8388590
8388580
0
200
400
600
800
999
SAMPLES
Figure 6. AD7799 Noise (VREF= AVDD/2, Gain = 64, Update Rate = 4.17 Hz)
50
40
30
20
10
0
CODE
Figure 7. AD7799 Noise Distribution Histogram (VREF = AVDD/2,
Gain = 64, Update Rate = 4.17 Hz)
8388680
8388660
8388640
8388620
8388600
8388580
8388560
8388540
0
200
400
600
800
999
SAMPLES
Figure 8. AD7799 Noise (VREF= AVDD/2, Gain = 64, Update Rate = 16.7 Hz)
30
25
20
15
10
5
0
CODE
Figure 9. AD7799 Noise Distribution Histogram (VREF = AVDD/2,
Gain = 64, Update Rate = 16.7 Hz)
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
VDD = 5V
UPDATE RATE = 16.6Hz
TA = 25°C
Figure 10. RMS Noise vs. Reference Voltage (Gain = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com