Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7798EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-AD7798EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7798EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-AD7798EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD7798/AD7799
Rev. B | Page 11 of 28
AD7799
Table 7 shows the AD7799 output rms noise for some update
rates and gain settings. The numbers given are for the bipolar
input range with a 2.5 V reference. These numbers are typical
and are generated with a differential input voltage of 0 V. Table 8
shows the effective resolution, and the output peak-to-peak
resolution is given in parentheses. Note that the effective
resolution is calculated using the rms noise, whereas the
peak-to-peak resolution is based on peak-to-peak noise. The
peak-to-peak resolution represents the resolution for which
there is no code flicker. These numbers are typical and are
rounded to the nearest LSB.
Table 7. Output RMS Noise (µV) vs. Gain and Output Update Rate for the AD7799 Using a 2.5 V Reference
Update Rate
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17 Hz
0.64
0.6
0.185
0.097
0.075
0.035
0.027
0.027
8.33 Hz
1.04
0.96
0.269
0.165
0.108
0.048
0.037
0.040
16.7 Hz
1.55
1.45
0.433
0.258
0.176
0.085
0.065
0.065
33.2 Hz
2.3
2.13
0.647
0.364
0.24
0.118
0.097
0.094
62 Hz
2.95
2.85
0.952
0.586
0.361
0.178
0.133
0.134
123 Hz
4.89
4.74
1.356
0.785
0.521
0.265
0.192
0.192
242 Hz
11.76
9.5
3.797
2.054
1.027
0.476
0.326
0.308
470 Hz
11.33
9.44
3.132
1.773
1.107
0.5
0.413
0.374
Table 8. Typical Resolution (Bits) vs. Gain and Output Update Rate for the AD7799 Using a 2.5 V Reference
Update Rate
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17 Hz
23 (20.5)
22 (19.5)
22.5 (20)
22.5 (20)
22 (19.5)
22 (19.5)
21.5 (19)
20.5 (18)
8.33 Hz
22 (19.5)
21.5 (19)
22 (19.5)
22 (19.5)
21.5 (19)
21.5 (19)
21 (18.5)
20 (17.5)
16.7 Hz
21.5 (19)
20.5 (18)
21.5 (19)
21 (18.5)
21 (18.5)
21 (18.5)
20 (17.5)
19 (16.5)
33.3 Hz
21 (18.5)
20 (17.5)
21 (18.5)
20.5 (18)
20.5 (18)
20.5 (18)
19.5 (17)
18.5 (16)
62 Hz
20.5 (18)
19.5 (17)
20.5 (18)
20 (17.5)
19.5 (17)
19.5 (17)
19 (16.5)
18 (15.5)
123 Hz
20 (17.5)
19 (16.5)
20 (17.5)
19.5 (17)
19 (16.5)
19 (16.5)
18.5 (16)
17.5 (15)
242 Hz
18.5 (16)
18 (15.5)
18.5 (16)
18 (15.5)
18 (15.5)
18.5 (16)
18 (15.5)
17 (14.5)
470 Hz
18.5 (16)
18 (15.5)
18.5 (16)
18.5 (16)
18 (15.5)
18.5 (16)
17.5 (15)
16.5 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com