Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33FJ128GP708 Datasheet(PDF) 23 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 19Page - Microchip Technology 33FJ128GP708 Datasheet HTML 20Page - Microchip Technology 33FJ128GP708 Datasheet HTML 21Page - Microchip Technology 33FJ128GP708 Datasheet HTML 22Page - Microchip Technology 33FJ128GP708 Datasheet HTML 23Page - Microchip Technology 33FJ128GP708 Datasheet HTML 24Page - Microchip Technology 33FJ128GP708 Datasheet HTML 25Page - Microchip Technology 33FJ128GP708 Datasheet HTML 26Page - Microchip Technology 33FJ128GP708 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 21
dsPIC33F
6.5
Fail-Safe Clock Monitor (FSCM)
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue to operate even in the event of an oscillator
failure. The FSCM function is enabled by programming.
If the FSCM function is enabled, the LPRC internal
oscillator runs at all times (except during Sleep mode)
and is not subject to control by the Watchdog Timer.
In the event of an oscillator failure, the FSCM
generates a clock failure trap event and switches the
system clock over to the FRC oscillator. The application
program then can either attempt to restart the oscillator,
or execute a controlled shutdown. The trap can be
treated as a warm Reset by simply loading the Reset
address into the oscillator fail trap vector.
6.6
Reset System
The Reset system combines all Reset sources and
controls the device Master Reset signal.
Device Reset sources include:
• POR: Power-on Reset
• BOR: Brown-out Reset
•SWR: RESET Instruction
• EXTR: MCLR Reset
• WDTR: Watchdog Timer Time-out Reset
• TRAPR: Trap Conflict
• IOPUWR: Attempted execution of an Illegal
Opcode, or Indirect Addressing, using an
Uninitialized W register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com