Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33FJ128GP708 Datasheet(PDF) 30 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 30 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 26Page - Microchip Technology 33FJ128GP708 Datasheet HTML 27Page - Microchip Technology 33FJ128GP708 Datasheet HTML 28Page - Microchip Technology 33FJ128GP708 Datasheet HTML 29Page - Microchip Technology 33FJ128GP708 Datasheet HTML 30Page - Microchip Technology 33FJ128GP708 Datasheet HTML 31Page - Microchip Technology 33FJ128GP708 Datasheet HTML 32Page - Microchip Technology 33FJ128GP708 Datasheet HTML 33Page - Microchip Technology 33FJ128GP708 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
dsPIC33F
DS70155C-page 28
Preliminary
© 2005 Microchip Technology Inc.
8.5
Input Capture Module
The input capture module is useful in applications
requiring frequency (period) and pulse measurement.
The dsPIC33F devices support up to eight input
capture channels.
The input capture module captures the 16-bit value of
the selected time base register when an event occurs
at the ICx pin. The events that cause a capture event
are listed below in three categories:
1.
Simple Capture Event modes
- Capture timer value on every falling edge of
input at ICx pin
- Capture timer value on every rising edge of
input at ICx pin
2.
Capture timer value on every edge (rising and
falling)
3.
Prescaler Capture Event modes
- Capture timer value on every 4th rising
edge of input at ICx pin
- Capture timer value on every 16th rising
edge of input at ICx pin
Each input capture channel can select between one of
two 16-bit timers (Timer2 or Timer3) for the time base.
The selected timer can use either an internal or an
external clock.
Other operational features include:
• Device wake-up from capture pin during CPU
Sleep and Idle modes
• Interrupt on input capture event
• 4-word FIFO buffer for capture values
- Interrupt optionally generated after 1, 2, 3 or
4 buffer locations are filled
• Input capture can also be used to provide
additional sources of external interrupts.
Input capture channels IC1 and IC2 support DMA data
transfers.
8.6
Output Compare/PWM Module
The output compare module features are quite useful
in applications that require controlled timing pulses or
PWM modulated pulse streams.
The output compare module has the ability to compare
the value of a selected time base with the value of one
or two compare registers (depending on the operation
mode selected). Furthermore, it has the ability to
generate a single output pulse, or a repetitive
sequence of output pulses, on a compare match event.
Like most dsPIC33F peripherals, it also has the ability
to generate interrupts on compare match events.
The dsPIC33F device may have up to eight output
compare channels, designated OC1 through OC8.
Refer to the specific device data sheet for the number
of channels available in a particular device. All output
compare channels are functionally identical.
Each output compare channel can use one of two
selectable time bases. The time base is selected using
the OCTSEL bit (OCxCON<3>). An ‘x’ in the pin,
register or bit name denotes the specific output
compare channel. Refer to the device data sheet for the
specific timers that can be used with each output
compare channel number.
Each output compare module has the following modes
of operation:
• Single Compare Match mode
• Dual Compare Match mode generating
- Single Output Pulse
- Continuous Output Pulses
• Simple Pulse-Width Modulation mode
- With Fault Protection Input
- Without Fault Protection Input
Output compare channels, OC1 and OC2, support
DMA data transfers.
8.7
Data Converter Interface Module
The dsPIC33F Data Converter Interface (DCI) module
allows simple interfacing to devices such as audio
coder/decoders (codecs), A/D Converters and D/A
Converters.
The following interfaces are supported:
• Framed Synchronous Serial Transfer (Single or
Multi-Channel)
• Inter-IC Sound (I2S) Interface
• AC-Link (AC’97) Compliant mode
Many codecs intended for use in audio applications
support sampling rates between 8 kHz and 48 kHz and
use one of the interface protocols listed above. The
DCI
automatically
handles
the
interface
timing
associated with these codecs. No overhead from the
CPU is required until the requested amount of data has
been transmitted and/or received by the DCI. Up to four
data words can be transferred between CPU interrupts.
The data word length for the DCI is programmable up
to 16 bits to match the data size of the dsPIC33F CPU.
However, many codecs have data word sizes greater
than 16 bits. Long data word lengths can be supported
by the DCI. The DCI is configured to transmit/receive
the long word in multiple 16-bit time slots. This
operation is transparent to the user and the long data
word is stored in consecutive register locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com