Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33FJ128GP708 Datasheet(PDF) 41 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 41 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 37Page - Microchip Technology 33FJ128GP708 Datasheet HTML 38Page - Microchip Technology 33FJ128GP708 Datasheet HTML 39Page - Microchip Technology 33FJ128GP708 Datasheet HTML 40Page - Microchip Technology 33FJ128GP708 Datasheet HTML 41Page - Microchip Technology 33FJ128GP708 Datasheet HTML 42Page - Microchip Technology 33FJ128GP708 Datasheet HTML 43Page - Microchip Technology 33FJ128GP708 Datasheet HTML 44Page - Microchip Technology 33FJ128GP708 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 39
dsPIC33F
TABLE 9-9:
PROGRAM FLOW INSTRUCTIONS
Assembly
Syntax
Description
Words
Cycles
BRA
Expr
Branch unconditionally
1
2
BRA
Wn
Computed branch
1
2
BRA
C,Expr
Branch if Carry (no Borrow)
1
1 (2)
BRA
GE,Expr
Branch if greater than or equal
1
1 (2)
BRA
GEU,Expr
Branch if unsigned greater than or equal
1
1 (2)
BRA
GT,Expr
Branch if greater than
1
1 (2)
BRA
GTU,Expr
Branch if unsigned greater than
1
1 (2)
BRA
LE,Expr
Branch if less than or equal
1
1 (2)
BRA
LEU,Expr
Branch if unsigned less than or equal
1
1 (2)
BRA
LT,Expr
Branch if less than
1
1 (2)
BRA
LTU,Expr
Branch if unsigned less than
1
1 (2)
BRA
N,Expr
Branch if Negative
1
1 (2)
BRA
NC,Expr
Branch if not Carry (Borrow)
1
1 (2)
BRA
NN,Expr
Branch if not Negative
1
1 (2)
BRA
NOV,Expr
Branch if not Overflow
1
1 (2)
BRA
NZ,Expr
Branch if not Zero
1
1 (2)
BRA
OA,Expr
Branch if Accumulator A Overflow
1
1 (2)
BRA
OB,Expr
Branch if Accumulator B Overflow
1
1 (2)
BRA
OV,Expr
Branch if Overflow
1
1 (2)
BRA
SA,Expr
Branch if Accumulator A Saturate
1
1 (2)
BRA
SB,Expr
Branch if Accumulator B Saturate
1
1 (2)
BRA
Z,Expr
Branch if Zero
1
1 (2)
CALL
Expr
Call subroutine
2
2
CALL
Wn
Call indirect subroutine
1
2
DO
#lit14,Expr
Do code through PC + Expr, (lit14 + 1) times
2
2
DO
Wn,Expr
Do code through PC + Expr, (Wn + 1) times
2
2
GOTO
Expr
Go to address
2
2
GOTO
Wn
Go to address indirectly
1
2
RCALL
Expr
Relative call
1
2
RCALL
Wn
Computed call
1
2
REPEAT
#lit14
Repeat next instruction (lit14 + 1) times
1
1
REPEAT
Wn
Repeat next instruction (Wn + 1) times
1
1
RETFIE
Return from interrupt enable
1
3 (2)
RETLW
#lit10,Wn
Return with lit10 in Wn
1
3 (2)
RETURN
Return from subroutine
1
3 (2)
Note 1:
Conditional branch instructions execute in 1 cycle if the branch is not taken, or 2 cycles if the branch is
taken.
2:
RETURN
normally executes in 3 cycles; however, it executes in 2 cycles if an interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com