Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8314VRAFDA Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8314VRAFDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314VRAFDA Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8314VRAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8314VRAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
77
Package and Pin Listings
LGPL1/LFALE
AA28
O
NVDD3_OFF
—
LGPL2/LFRE/LOE
Y25
O
NVDD3_OFF
11
LGPL3/LFWP
Y24
O
NVDD3_OFF
—
LGPL4/LGTA/LUPWAIT/LFRB
AA26
I/O
NVDD3_OFF
2
LGPL5
AF22
O
NVDD3_OFF
11
LCLK0
AH25
O
NVDD3_OFF
10
LCLK1
AD24
O
NVDD3_OFF
10
DUART
UART_SOUT1/MSRCID0 (DDR
ID)/LSRCID0
C15
O
NVDD2_OFF
—
UART_SIN1/MSRCID1 (DDR ID)/LSRCID1
B16
I/O
NVDD2_OFF
—
UART_CTS[1]/MSRCID2 (DDR
ID)/LSRCID2
D16
I/O
NVDD2_OFF
—
UART_RTS[1]/MSRCID3 (DDR
ID)/LSRCID3
B17
O
NVDD2_OFF
—
UART_SOUT2/MSRCID4 (DDR
ID)/LSRCID4
A16
O
NVDD2_OFF
—
UART_SIN2/MDVAL (DDR ID)/LDVAL
C16
I/O
NVDD2_OFF
—
UART_CTS[2]
A17
I
NVDD2_OFF
—
UART_RTS[2]
A18
O
NVDD2_OFF
—
I2C interface
IIC_SDA/CKSTOP_OUT
N1
I/O
NVDD4_OFF
2
IIC_SCL/CKSTOP_IN
N2
I/O
NVDD4_OFF
2
Interrupts
MCP_OUT
W1
O
NVDD1_OFF
2
IRQ[0]/MCP_IN
Y3
I
NVDD1_OFF
—
IRQ[1]
E1
I
NVDD1_ON
—
IRQ[2]
A7
I
NVDD1_ON
—
IRQ[3]
AA1
I
NVDD1_OFF
—
IRQ[4]
Y5
I
NVDD1_OFF
—
IRQ[5]/CORE_SRESET_IN
AA2
I
NVDD1_OFF
—
IRQ[6] /CKSTOP_OUT
AA4
I/O
NVDD1_OFF
—
IRQ[7]/CKSTOP_IN
AA5
I
NVDD1_OFF
—
Configuration
CFG_CLKIN_DIV
A5
I
NVDD1_ON
11
EXT_PWR_CTRL
D3
O
NVDD1_ON
11
PMC_PWR_OK
D4
I
—
11
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com